Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC02JR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STBC02JR
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02JR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STBC02JR Datasheet HTML 21Page - STMicroelectronics STBC02JR Datasheet HTML 22Page - STMicroelectronics STBC02JR Datasheet HTML 23Page - STMicroelectronics STBC02JR Datasheet HTML 24Page - STMicroelectronics STBC02JR Datasheet HTML 25Page - STMicroelectronics STBC02JR Datasheet HTML 26Page - STMicroelectronics STBC02JR Datasheet HTML 27Page - STMicroelectronics STBC02JR Datasheet HTML 28Page - STMicroelectronics STBC02JR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
STBC02
Functional pin description
DocID029261 Rev 2
25/39
SW_SEL
pulse
number
Function
Status
Note
23
Shipping mode
ON
Forces the device in shutdown (low power mode)
24
Auto-recharge
OFF
Default value
25
ON
Charger restart. After end-of-charge if battery
voltage crosses VREC and tCRDD expires, another
charging cycle starts automatically
26
Watchdog
OFF
Smart reset (default)
27
ON
Watchdog enabled. RESET_NOW becomes
RESET_CLEAR which allows recurring nRESET
pulses to be skipped
28
IFAST and IPRE
always 50%
OFF
IPRE and IFAST current as programmed by RPRE and
RSET resistors (default)
29
ON
Forces IFAST and IPRE currents to be 50% of the initial
programmed value. In case of thermal warning, the
internal logic temporarily forces this bit “ON”
Figure 21: Single wire programming (SW_SEL INPUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com