Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC02JR Datasheet(PDF) 36 Page - STMicroelectronics

Part # STBC02JR
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02JR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STBC02JR Datasheet HTML 31Page - STMicroelectronics STBC02JR Datasheet HTML 32Page - STMicroelectronics STBC02JR Datasheet HTML 33Page - STMicroelectronics STBC02JR Datasheet HTML 34Page - STMicroelectronics STBC02JR Datasheet HTML 35Page - STMicroelectronics STBC02JR Datasheet HTML 36Page - STMicroelectronics STBC02JR Datasheet HTML 37Page - STMicroelectronics STBC02JR Datasheet HTML 38Page - STMicroelectronics STBC02JR Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Package information
STBC02
36/39
DocID029261 Rev 2
Table 11: Flip Chip 30 (2.59x2.25 mm) package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.50
0.55
0.60
A1
0.17
0.20
0.23
A2
0.33
0.35
0.37
b
0.23
0.26
0.29
D
2.56
2.59
2.62
D1
2
E
2.22
2.25
2.28
E1
1.6
e
0.40
SE
0.20
SD
0.20
fD
0.285
0.295
0.305
fE
0.315
0.325
0.335
ccc
0.075
The terminal A1 on the bumps side is identified by a distinguishing feature (for
instance by a circular "clear area", typically 0.1 mm diameter) and/or a missing
bump. The terminal A1 on the backside of the product is identified by a
distinguishing feature (for instance by a circular "clear area", typically between 0.1
and 0.5 mm diameter, depending on the die size).
Figure 28: Flip Chip 30 (2.59x2.25 mm) recommended footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com