Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL60P4LLF6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL60P4LLF6
Description  P-channel 40 V, 0.0115 Ω typ.,60 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL60P4LLF6 Datasheet(HTML) 1 Page - STMicroelectronics

  STL60P4LLF6 Datasheet HTML 1Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 2Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 3Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 4Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 5Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 6Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 7Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 8Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
December 2014
DocID026840 Rev 2
1/14
This is information on a product in full production.
www.st.com
STL60P4LLF6
P-
channel 40 V, 0.0115 Ω typ.,60 A STripFET™ F6
Power MOSFET in a PowerFLAT™ 5x6 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order codes
VDS
RDS(on)max.
ID
STL60P4LLF6
40 V
0.014 Ω
60
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is a P-channel Power MOSFET
developed using the STripFET™ F6 technology
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order codes
Marking
Package
Packaging
STL60P4LLF6 60P4LLF6
PowerFLA™
5x6
Tape and reel
For the P-channel Power MOSFETs the
actual polarity of the voltages and the
current must be reversed.


Similar Part No. - STL60P4LLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL60N10F7 STMICROELECTRONICS-STL60N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 0.0145 Ω typ., 12 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
October 2013 Rev 3
STL60N32N3LL STMICROELECTRONICS-STL60N32N3LL Datasheet
1Mb / 14P
Dual N-channel 30 V, 0.005 Ω, 15 A PowerFLAT™ 5x6 asymmetrical double island, STripFET™ Power MOSFET
February 2012 Rev 3
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
N-channel 30 V, 0.0063 Ω, 17 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
March 2010 Rev 1
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
350Kb / 13P
N-channel 30V - 0.0065Ohm - 30A - PowerFLAT TM (6x5) Ultra low gate charge STripFET??Power MOSFET
12-Apr-2006
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
355Kb / 13P
N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
05-Sep-2006
More results

Similar Description - STL60P4LLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL12P6F6 STMICROELECTRONICS-STL12P6F6 Datasheet
601Kb / 13P
P-channel 60 V, 0.13 typ., 3 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 5x6 package
20-Mar-2013
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL42P4LLF6 STMICROELECTRONICS-STL42P4LLF6 Datasheet
451Kb / 14P
P-channel 40 V, 0.0155 Ω typ.,42 A, STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
March 2015 Rev 2
STL42PLLF6 STMICROELECTRONICS-STL42PLLF6 Datasheet
935Kb / 16P
P-channel -60 V, 23 mΩ typ., -42 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
November 2016 Rev 4
STL210N4F7AG STMICROELECTRONICS-STL210N4F7AG Datasheet
913Kb / 14P
Automotive-grade N-channel 40 V, 1.3 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
07-Jan-2016
STL225N6F7AG STMICROELECTRONICS-STL225N6F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 60 V, 1.2 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
17-Mar-2017
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL8N6LF3 STMICROELECTRONICS-STL8N6LF3 Datasheet
976Kb / 15P
Automotive-grade N-channel 60 V, 22.5 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 package
11-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com