Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL60P4LLF6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL60P4LLF6
Description  P-channel 40 V, 0.0115 Ω typ.,60 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL60P4LLF6 Datasheet(HTML) 4 Page - STMicroelectronics

  STL60P4LLF6 Datasheet HTML 1Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 2Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 3Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 4Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 5Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 6Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 7Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 8Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STL60P4LLF6
4/14
DocID026840 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0,
ID = 250 µA
40
V
IDSS
Zero gate voltage drain
current
VGS = 0,
VDS = 40 V
1
µA
VGS = 0,
VDS = 40 V,
TC = 125 °C
10
µA
IGSS
Gate-body leakage
current
VDS = 0,
VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS,
ID = 250 µA
1
V
RDS(on)
Static drain source
on-resistance
VGS = 10 V,
ID = 6.5 A
0.0115
0.014
Ω
VGS = 4.5 V,
ID = 6.5 A
0.015
0.019
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CISS
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
3525
-
pF
COSS
Output capacitance
344
pF
Crss
Reverse transfer
capacitance
238
pF
Qg
Total gate charge
V DD= 20 V, ID = 13 A,
VGS = 4.5 V
34
nC
Qgs
Gate-source charge
11.3
nC
Qgd
Gate-drain charge
13.8
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 20 V, ID = 6.5 A,
RG = 4.7 Ω, VGS = 10 V
-
49.4
-
ns
tr
Rise time
-
60.6
-
ns
td(off)
Turn-off delay time
-
170
-
ns
tf
Fall time
-
20
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com