Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL60P4LLF6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STL60P4LLF6
Description  P-channel 40 V, 0.0115 Ω typ.,60 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL60P4LLF6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STL60P4LLF6 Datasheet HTML 6Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 7Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 8Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 9Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 10Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 11Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 12Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 13Page - STMicroelectronics STL60P4LLF6 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Packaging mechanical data
STL60P4LLF6
12/14
DocID026840 Rev 2
Figure 23
: PowerFLAT™ 5x6 reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com