Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLUX385
Description  Extended instruction set
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385 Datasheet(HTML) 2 Page - STMicroelectronics

  STLUX385 Datasheet HTML 1Page - STMicroelectronics STLUX385 Datasheet HTML 2Page - STMicroelectronics STLUX385 Datasheet HTML 3Page - STMicroelectronics STLUX385 Datasheet HTML 4Page - STMicroelectronics STLUX385 Datasheet HTML 5Page - STMicroelectronics STLUX385 Datasheet HTML 6Page - STMicroelectronics STLUX385 Datasheet HTML 7Page - STMicroelectronics STLUX385 Datasheet HTML 8Page - STMicroelectronics STLUX385 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Introduction
STLUX385
2/10
Doc ID 024169 Rev 2
1
Introduction
The core of the STLUX385 is the enhanced STM8 MCU, providing increased power
processing while maintaining the advantages of the CISC architecture, a 24-bit linear
addressing mode, 8-bit data bus and an optimized architecture for low power applications.
The microcontroller includes an in-circuit debug module with a hardware interface (SWIM
single wire) which allows non-intrusive application debugging and ultra-fast Flash
programming code.
The device has an embedded low power, low voltage, single voltage 32 Kbytes of non
volatile program memory and true 1 Kbyte RWW data EEPROM with Error Correction Code
(ECC).
The STLUX385 microcontroller provides the following benefits:
Very high reliability and memory endurance
More than 15 years of operating life time
More than 15 years of data retention for program and Data Memory after cycling
Flexible peripherals to form a powerful engine capable of driving all types of switch
mode converters. It covers the topologies in the field of lighting and power
management starting from simple buck converters for LED driving, boost for power
factor correction, half-bridge resonant converters for dimmable fluorescent tube lamp
ballasts, up to full bridge control in HID lamp ballasts
Fast analog comparators (50 ns max propagation delay)
96 MHz PLL for high output signal resolution
Six independent SMED (state machine - event driven) units - programmable signal
generators
Programmable connection box to interconnect SMEDs and other peripherals into
complex timer blocks
10-bit, 8 multiplexed channels ADC with operational amplifier to extend resolution
to 12-bit
DALI hardware communication cell



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com