Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLUX385
Description  Extended instruction set
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385 Datasheet(HTML) 5 Page - STMicroelectronics

  STLUX385 Datasheet HTML 1Page - STMicroelectronics STLUX385 Datasheet HTML 2Page - STMicroelectronics STLUX385 Datasheet HTML 3Page - STMicroelectronics STLUX385 Datasheet HTML 4Page - STMicroelectronics STLUX385 Datasheet HTML 5Page - STMicroelectronics STLUX385 Datasheet HTML 6Page - STMicroelectronics STLUX385 Datasheet HTML 7Page - STMicroelectronics STLUX385 Datasheet HTML 8Page - STMicroelectronics STLUX385 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STLUX385
Pinout and pin description
Doc ID 024169 Rev 2
5/10
3.2
Pin description
Table 1.
Pin description
Pin
number
Type
Pin name
Main function
Alternate
function 1
Alternate
function 2
Alternate
function 3
1
I/O
GPIO1[0]/PWM[0]
SMED PWM
channel 0
General purpose
I/O 10
--
2
I/O
DIGIN[0]/CCO_clk
Digital input 0
Configurable
clock output
signal (CCO)
--
3
I
DIGIN[1]
Digital input 1
-
-
-
4
I/O
GPIO1[1]/PWM[1]
SMED PWM
channel 1
General purpose
I/O 11
--
5
I/O
GPIO1[2]/PWM[2]
SMED PWM
channel 2
General purpose
I/O 12
--
6
I
DIGIN[2]
Digital input 2
-
-
-
7
I
DIGIN[3 ]
Digital input 3
-
-
-
8
I/O
GPIO1[5]/PWM[5]
SMED PWM
channel 5
General purpose
I/O 15
--
9
I/O
SWIM
SWIM data
interface
--
-
10
I/O
NRST
Reset
-
-
-
11
PS
VDD
Digital and I/O
power supply
--
-
12
PS
VSS
Digital and I/O
ground
--
-
13
PS
VOUT
1.8 V regulator
capacitor
--
-
14
I/O
GPIO0[4]/Dali_tx
General purpose
I/O 04
DALI data
transmit
--
15
I/O
GPIO0[5]/Dali_rx
General purpose
I/O 05
DALI data
receive
--
16
I/O
GPIO1[4]/PWM[4]
SMED PWM
channel 4
General purpose
I/O 14
--
17
I
DIGIN[4]
Digital input 4
-
-
-
18
I
DIGIN[5]
Digital input 5
-
-
-
19
I/O
GPIO1[3]/PWM[3]
SMED PWM
channel 3
General purpose
I/O 13
--
20
I/O
GPIO0[2]/I2C_sda/
HseOscout/Uart_tx
General purpose
I/O 02
I
2
C data
Output crystal
oscillator
signal
UART data
transmit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com