Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLUX385
Description  Extended instruction set
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385 Datasheet(HTML) 1 Page - STMicroelectronics

  STLUX385 Datasheet HTML 1Page - STMicroelectronics STLUX385 Datasheet HTML 2Page - STMicroelectronics STLUX385 Datasheet HTML 3Page - STMicroelectronics STLUX385 Datasheet HTML 4Page - STMicroelectronics STLUX385 Datasheet HTML 5Page - STMicroelectronics STLUX385 Datasheet HTML 6Page - STMicroelectronics STLUX385 Datasheet HTML 7Page - STMicroelectronics STLUX385 Datasheet HTML 8Page - STMicroelectronics STLUX385 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
February 2013
Doc ID 024169 Rev 2
1/10
10
STLUX385
Digital controller for lighting and power supply applications with 6
programmable PWM generators, 96 MHz PLL, DALI
Datasheet
preliminary data
Features
Core
–Max f
CPU
: 16 MHz
Advanced STM8 core with Harvard
architecture and 3-stage pipeline
Extended instruction set
Memories
Flash and EEPROM with read while write
(RWW) and error correction code (ECC)
capability
Program memory: 32 Kbytes Flash; data
retention 15 years at 85 °C after 10 kcycles
at 25 °C
Data memory: 1 Kbyte true data EEPROM;
data retention: 15 years at 85 °C after 100
kcycles at 85 °C
–RAM: 2 Kbytes
Clock management
Low power crystal resonator oscillator with
external clock input
Internal, user-trimmable 16 MHz RC and
low power 153.6 KHz RC oscillators
Internal 96 MHz PLL
Clock security system with clock monitor
Interrupt management
Nested interrupt controller with 32 interrupt
vectors
Three interrupt priority levels
Up to 12 external interrupt request lines on
2 vectors
Programmable NMI interrupt sources
Peripherals specific product
6 SMEDs (state machine event driven)
independent PWM programmable pulse
signal generators
Communication interfaces
UART asynchronous: sw flow-control
operating mode
–I
2
C master/slave fast-slow speed rate
DALI ballast target device interface
Analog to digital converter (ADC)
10-bit, 8 multiplexed channels, sequencing
functionality
Operational amplifier to extend dynamic
range and resolution to 12-bit equivalent
Independent channel gain value
configurations: x1.6 or x6.4
Analog comparators
4 analog comparators with internal
programmable reference voltage
generated by 4 internal programmable 4-bit
DACs
1 analog comparator with additional
external reference voltage
Comparator cycle time: 50 ns max
Repetitive conversion
I/Os
12 I/Os multifunction signals
Highly robust I/O design, immune against
current injection
Operating temperature
-25 °C to 105 °C
Description
The STLUX385 is a digital controller for lighting
and power supply applications featuring 6
programmable PWM generators, 96 MHz PLL,
gain-programmable ADC and DALI interface.
TSSOP38
www.st.com


Similar Part No. - STLUX385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLUX385A STMICROELECTRONICS-STLUX385A Datasheet
2Mb / 99P
Digital controller for lighting and power conversion applications
06-Jun-2013
STLUX385A STMICROELECTRONICS-STLUX385A Datasheet
3Mb / 126P
Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
13-May-2015
STLUX385ATR STMICROELECTRONICS-STLUX385ATR Datasheet
2Mb / 99P
Digital controller for lighting and power conversion applications
06-Jun-2013
STLUX385ATR STMICROELECTRONICS-STLUX385ATR Datasheet
3Mb / 126P
Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
13-May-2015
More results

Similar Description - STLUX385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
Instruction Set Reference Manual
Jul-1997
ST20C2 STMICROELECTRONICS-ST20C2 Datasheet
647Kb / 212P
Instruction Set Reference Manual
Jan-1996
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
1,011Kb / 96P
SAM47 INSTRUCTION SET
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
SAM88RCRI INSTRUCTION SET
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
HC08 instruction set with added BGND instruction
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
HC08 instruction set with added BGND instruction
logo
STMicroelectronics
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
Extended instruction set
03-May-2017
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
Extended instruction set
26-Mar-2015
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
Extended instruction set
25-Mar-2015
STM8S105C4 STMICROELECTRONICS-STM8S105C4 Datasheet
1Mb / 121P
Extended instruction set
23-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com