Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF01 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STNRGPF01
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STNRGPF01 Datasheet HTML 28Page - STMicroelectronics STNRGPF01 Datasheet HTML 29Page - STMicroelectronics STNRGPF01 Datasheet HTML 30Page - STMicroelectronics STNRGPF01 Datasheet HTML 31Page - STMicroelectronics STNRGPF01 Datasheet HTML 32Page - STMicroelectronics STNRGPF01 Datasheet HTML 33Page - STMicroelectronics STNRGPF01 Datasheet HTML 34Page - STMicroelectronics STNRGPF01 Datasheet HTML 35Page - STMicroelectronics STNRGPF01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Electrical characteristics
STNRGPF01
32/40
DocID030377 Rev 2
5.3.7
Reset pin characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified.
5.4
Analog input characteristics
5.4.1
Measurement section
Subject to general operating conditions for VDDA and TA unless otherwise specified.
It applies to the [MI] class.
Table 13. NRST pin characteristics
Symbol
Parameter
Conditions
Min.(1)
1. Data based on characterization results, not tested in production
Typ.
Max.(1)
Unit
VIL(NRST) NRST input low level voltage(1)
-
-0.3
-
0.3 x VDD
V
VIH(NRST) NRST input high level voltage(1)
-
0.7 x VDD
-VDD + 0.3
VOL(NRST) NRST output low level voltage(1)
IOL = 2 mA
-
-
0.5
RPU(NRST) NRST pull-up resistor(2)
2. The RPU pull-up equivalent resistor is based on a resistive transistor.
-30
40
60
k
tIFP(NRST) NRST input filtered pulse(3)
3. Data guaranteed by design, not tested in production.
--
-
75
ns
tINFP(NRST) NRST not input filtered pulse(3)
-500
-
-
tOP(NRST) NRST output filtered pulse(3)
-15
-
-
µs
Table 14. Measurement pin characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
RIN
Input impedance
-
1
-
-
M
VIN
Measurement range
-
0
-
1.25(1)
1. Maximum input analog voltage cannot exceed VDDA.
V
Vref
Measure reference voltage(2)
2. Reference voltage at TA = 25 °C.
-
-
1.25
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com