Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF01 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STNRGPF01
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STNRGPF01 Datasheet HTML 29Page - STMicroelectronics STNRGPF01 Datasheet HTML 30Page - STMicroelectronics STNRGPF01 Datasheet HTML 31Page - STMicroelectronics STNRGPF01 Datasheet HTML 32Page - STMicroelectronics STNRGPF01 Datasheet HTML 33Page - STMicroelectronics STNRGPF01 Datasheet HTML 34Page - STMicroelectronics STNRGPF01 Datasheet HTML 35Page - STMicroelectronics STNRGPF01 Datasheet HTML 36Page - STMicroelectronics STNRGPF01 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
DocID030377 Rev 2
33/40
STNRGPF01
Electrical characteristics
40
5.4.2
Analog section
In Table 15 analog comparator characteristics are reported.
It applies to the [AI] class.
5.5
EMC characteristics
5.5.1
Electrostatic discharge (ESD)
Electrostatic discharges (3 positive then 3 negative pulses separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device [3 parts * (n + 1) supply pin].
Table 15. Analog comparator characteristics
Symbol
Parameter
Conditions
Min.(1)
1. Data based on characterization results, not tested in production.
Typ.
Max(1)
Unit
VCPP01
Comparator CP0,1 positive input
voltage range
-40 ºC
 TA  105 ºC
0
-
1.23(2)
2. Maximum analog input voltage for comparators CP0 and CP1.
V
VCPP23
Comparator CP2,3 positive input
voltage range
-40 ºC
 TA  105 ºC
0
-
2(3)
3. Maximum analog input voltage for comparators CP2 and CP3.
V
VCPM23
Comparator CP2,3 negative
external input voltage range
-40 ºC
 TA  105 ºC
0
-
2(3)
V
CIN
Input capacitance
-
-
3
-
pF
Voffset Comparator offset error
-
-
-
15
mV
tCOMP Comparison delay time
-
-
-
50(4)
4. The overdrive voltage is ± 50 mV.
ns
Table 16. ESD absolute maximum ratings(1)
1. Data based on characterization results, not tested in production.
Symbol
Ratings
Conditions
Maximum value Unit
VESD(HBM)
Electrostatic discharge voltage
(human body model)
TA = 25 °C, conforming to
JEDEC/JESD22-A114E
2000
V
VESD(CDM)
Electrostatic discharge voltage
(charge device model)
TA = 25 °C, conforming to
ANSI/ESD STM 5.3.1 ESDA
500
VESD(MM)
Electrostatic discharge voltage
(machine model)
TA = 25 °C, conforming to
JEDEC/JESD-A115-A
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com