Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRGPF01 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STNRGPF01
Description  Inrush current control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRGPF01 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STNRGPF01 Datasheet HTML 32Page - STMicroelectronics STNRGPF01 Datasheet HTML 33Page - STMicroelectronics STNRGPF01 Datasheet HTML 34Page - STMicroelectronics STNRGPF01 Datasheet HTML 35Page - STMicroelectronics STNRGPF01 Datasheet HTML 36Page - STMicroelectronics STNRGPF01 Datasheet HTML 37Page - STMicroelectronics STNRGPF01 Datasheet HTML 38Page - STMicroelectronics STNRGPF01 Datasheet HTML 39Page - STMicroelectronics STNRGPF01 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
DocID030377 Rev 2
37/40
STNRGPF01
Package information
40
Table 19. TSSOP38 package mechanical data(1)
1. “TSSOP” stands for “Thin Shrink Small Outline Package”.
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A-
-
1.20
A1
0.05
-
0.15
A2
0.80
1.00
1.05
b
0.17
-
0.27
c
0.09
-
0.20
D(2)
2. “Dimensions “D” and “E1”do not include mold flash or protrusions. Mold flash or protrusions shall not
exceed 0.15 mm per side.
9.60
9.70
9.80
E
6.20
6.40
6.60
E1(2)
4.30
4.40
4.50
e
-
0.50
-
L
0.45
0.60
0.75
L1
-
1.00
-
k0
-
8
aaa
-
-
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com