Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4CMP Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP4CMP
Description  Low voltage 4-channel constant current LED driver with charge pump
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4CMP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP4CMP Datasheet HTML 3Page - STMicroelectronics STP4CMP Datasheet HTML 4Page - STMicroelectronics STP4CMP Datasheet HTML 5Page - STMicroelectronics STP4CMP Datasheet HTML 6Page - STMicroelectronics STP4CMP Datasheet HTML 7Page - STMicroelectronics STP4CMP Datasheet HTML 8Page - STMicroelectronics STP4CMP Datasheet HTML 9Page - STMicroelectronics STP4CMP Datasheet HTML 10Page - STMicroelectronics STP4CMP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
STP4CMP
Pin configuration
DocID15770 Rev 3
7/24
2
Pin configuration
Figure 3: Pin connections (top view)
Table 3: Pin description
Pin
Symbol
Description
1
ON1
LED1 enable
2
ON2
LED2 enable
3
ON3
LED3 enable
4
ON4
LED4 enable
5
EN
Chip enable
6
ISET1
LED1 max. current setting resistor
7
ISET2
LED2 max. current setting resistor
8
ISET3
LED3 max. current setting resistor
9
ISET4
LED4 max. current setting resistor
10
GND
Ground
11
CP_SEL
Charge pump mode selection, 1 = enable 0 = disable
12
LED4
4
th LED current sink
13
LED3
3
rd LED current sink
14
LED2
2
nd LED current sink
15
LED1
1
st LED current sink
16
VCC
Supply voltage
17
VOUT
Charge pump output
18
C1P
Positive terminal of charge pump bucket capacitor
19
C1N
Negative terminal of charge pump bucket capacitor
20
GND
Ground
STP4CMP
GIPG300320151055LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com