Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4CMP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4CMP
Description  Low voltage 4-channel constant current LED driver with charge pump
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4CMP Datasheet(HTML) 1 Page - STMicroelectronics

  STP4CMP Datasheet HTML 1Page - STMicroelectronics STP4CMP Datasheet HTML 2Page - STMicroelectronics STP4CMP Datasheet HTML 3Page - STMicroelectronics STP4CMP Datasheet HTML 4Page - STMicroelectronics STP4CMP Datasheet HTML 5Page - STMicroelectronics STP4CMP Datasheet HTML 6Page - STMicroelectronics STP4CMP Datasheet HTML 7Page - STMicroelectronics STP4CMP Datasheet HTML 8Page - STMicroelectronics STP4CMP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
April 2015
DocID15770 Rev 3
1/24
This is information on a product in full production.
www.st.com
STP4CMP
Low voltage 4-channel constant current
LED driver with charge pump
Datasheet - production data
Features
Operating voltage range: VCC 2.7 V to 5.5 V
Full RGB function support
4-channel LED driver with individual
ON/OFF control directly from input pins
Individually programmable output current for
the 4 channels through 4 external resistors
with a max. capability of 30 mA
Absolute output current accuracy of max.
±7% and channel-to-channel mismatch of
max. ±4%
Selectable charge pump enable/disable
Thermal protection
Small QFN20 (1.8x3.2 mm) package
Applications
Mobile phone display backlighting
RGB LED indicator driver
Description
The STP4CMP is a charge-pump-based 4-
channel LED driver designed for RGB
illumination or LCD display backlighting. The
STP4CMP works off a battery with an input
voltage between 2.7 V and 5.5 V. The device
generates regulated current sinks with high
absolute and channel-to-channel accuracy to
drive up to 4 LEDs. It can support LEDs with
forward voltage as high as 3.8 V. The current
sink for each channel can be set with 4 individual
external resistors. Each channel is controlled
independently. The PWM control can be applied
directly to the 4 EN (enable) pins to provide
brightness control. When enabled, the charge
pump, which uses a small ceramic bucket
capacitor between C1P and C1N, operates to
regulate the VOUT with a clamping voltage at typ.
5 V. The tiny QFN20 (1.8x3.2 mm) package
allows the device to be also used for applications
with space limitations.
Table 1: Device summary
Oder code
Package
Packing
STP4CMPQTR
QFN20
(1.8x3.2 mm)
Tape and reel
QFN20 (1.8x3.2 mm)


Similar Part No. - STP4CMP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4CMPQTR STMICROELECTRONICS-STP4CMPQTR Datasheet
861Kb / 22P
Low voltage 4-channel constant current LED driver with charge pump
24-Jan-2012
More results

Similar Description - STP4CMP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5616 FAIRCHILD-FAN5616 Datasheet
917Kb / 14P
High-Efficiency, Constant-Current LED Driver with Adaptive Charge Pump
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
4-Channel Charge-Pump LED Driver
2008.09.1.0
logo
Richtek Technology Corp...
RT9368 RICHTEK-RT9368 Datasheet
225Kb / 10P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368A RICHTEK-RT9368A Datasheet
217Kb / 12P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
STMicroelectronics
STP4CMPQTR STMICROELECTRONICS-STP4CMPQTR Datasheet
861Kb / 22P
Low voltage 4-channel constant current LED driver with charge pump
24-Jan-2012
STP2CMP STMICROELECTRONICS-STP2CMP Datasheet
1Mb / 23P
Low voltage 2-channel constant current LED driver with charge pump
09-Apr-2015
logo
SG Micro Corp
SGM3131 SGMICRO-SGM3131_16 Datasheet
2Mb / 13P
120mA 4-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3133 SGMICRO-SGM3133_16 Datasheet
2Mb / 12P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Diodes Incorporated
AP3606 DIODES-AP3606 Datasheet
1,019Kb / 16P
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
April 2018 Rev. 1 - 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com