Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP4CMP Datasheet(PDF) 17 Page - STMicroelectronics

Part # STP4CMP
Description  Low voltage 4-channel constant current LED driver with charge pump
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4CMP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STP4CMP Datasheet HTML 13Page - STMicroelectronics STP4CMP Datasheet HTML 14Page - STMicroelectronics STP4CMP Datasheet HTML 15Page - STMicroelectronics STP4CMP Datasheet HTML 16Page - STMicroelectronics STP4CMP Datasheet HTML 17Page - STMicroelectronics STP4CMP Datasheet HTML 18Page - STMicroelectronics STP4CMP Datasheet HTML 19Page - STMicroelectronics STP4CMP Datasheet HTML 20Page - STMicroelectronics STP4CMP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
STP4CMP
PCB layout
DocID15770 Rev 3
17/24
7.2
Evaluation board
Figure 12: Evaluation board
Figure 13: Evaluation board schematic
VCC
VCC
C1N
C1P
VOUT
LED1
LED2
LED3
LED4
VCC
10k
R3
10k
R4
10k
R5
10k
R6
10k
R1
1k
R 7
1k
R 8
1k
R9
1k
R 10
10 k
R 2
VOUT
1
2
3
JP5
VCC
1
2
3
JP1
VCC
1
2
3
JP3
VCC
1
2
3
JP4
VC C
1
2
3
JP6
VC C
1
2
3
JP2
1µF
C4
1µF
C1
10µF
C2
VCC
100n
C3
1
2
P2
1
2
P3
1
2
P4
1
2
P5
1
2
P9
1
2
P8
1
2
P10
1
2
P7
1
2
P6
VCC
CP_SEL
ISET1
ISET2
ISET3
ISET4
ON 1
ON2
ON3
ON4
EN
1
2
LED4 LED3 LED2 LED1
C1N
19
C1P
18
VOUT
17
VCC
16
LED 1
15
LED2
14
LED 3
13
LED4
12
ISET4
9
ISET3
8
ISET2
7
ISET1
6
EN
5
ON4
4
ON3
3
ON2
2
GND CP_SEL
U1
STP4CMP
1
2
P1
Pull -down resistors R1-R6 to guarantee the correct
function when no jumper is placed.
For efficiency measurements, resistors should be
removed to measure the correct DUT input current,
otherwise the pull-down resistor current affects
the result.
Pull down resistors R7-R10 are set resistors for
each channel. Needed to be changed for different
output current setup.
P6- P10 header are usedto loadoutputs when no
LED is populated.
1
2
1
2
1
2
GIPG310320151040LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com