Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10LCD100C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS10LCD100C
Description  Avalanche capability specified
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10LCD100C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS10LCD100C Datasheet HTML 1Page - STMicroelectronics STPS10LCD100C Datasheet HTML 2Page - STMicroelectronics STPS10LCD100C Datasheet HTML 3Page - STMicroelectronics STPS10LCD100C Datasheet HTML 4Page - STMicroelectronics STPS10LCD100C Datasheet HTML 5Page - STMicroelectronics STPS10LCD100C Datasheet HTML 6Page - STMicroelectronics STPS10LCD100C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2008
Rev 1
1/7
STPS10LCD100C
High voltage power Schottky rectifier
Features
■ High junction temperature capability
■ Good trade-off between leakage current and
forward voltage drop
■ Low leakage current
■ Avalanche capability specified
■ Insulated package TO-220FPAB
– Insulated voltage: 2000 VRMS
– Typical package capacitance: 12 pF
Description
Dual center tap Schottky rectifier designed for
high frequency switched mode power supplies.
Table 1.
Device summary
IF(AV)
2 X 5 A
VRRM
100 V
Tj
175 °C
VF (typ)
0.64 V
A1
K
A2
TO-220FPAB
STPS10LCD100CFP
K
A2
A1
www.st.com


Similar Part No. - STPS10LCD100C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
STPS10L100CT SUNMATE-STPS10L100CT Datasheet
2Mb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
STPS10L150CT SUNMATE-STPS10L150CT Datasheet
2Mb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
STMicroelectronics
STPS10L25 STMICROELECTRONICS-STPS10L25 Datasheet
479Kb / 12P
Low drop power Schottky rectifier
17-Oct-2016
STPS10L25D STMICROELECTRONICS-STPS10L25D Datasheet
91Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L25D STMICROELECTRONICS-STPS10L25D Datasheet
479Kb / 12P
Low drop power Schottky rectifier
17-Oct-2016
More results

Similar Description - STPS10LCD100C

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PBFR5018JP FCI-PBFR5018JP Datasheet
448Kb / 2P
50 Amp Press Fit Avalanche AUTOMOTIVE RECTIFIERS High surge current capability
PBFR8018JP FCI-PBFR8018JP Datasheet
325Kb / 2P
80 Amp Press Fit Avalanche AUTOMOTIVE RECTIFERS High surge current capability
logo
List of Unclassifed Man...
FGA15N120ANTDTU_F109 ETC2-FGA15N120ANTDTU_F109 Datasheet
938Kb / 10P
Extremely enhanced avalanche capability
logo
Inchange Semiconductor ...
4N60 ISC-4N60 Datasheet
157Kb / 2P
Avalanche Energy Specified
5N60 ISC-5N60 Datasheet
157Kb / 2P
Avalanche Energy Specified
6N60 ISC-6N60 Datasheet
157Kb / 2P
Avalanche Energy Specified
logo
STMicroelectronics
STTH5R06DJF STMICROELECTRONICS-STTH5R06DJF Datasheet
180Kb / 9P
High energy avalanche capability
16-Mar-2012
logo
DinTek Semiconductor Co...
DTGN25N120 DINTEK-DTGN25N120 Datasheet
1Mb / 8P
Extremely enhanced avalanche capability
DTGN40N120 DINTEK-DTGN40N120 Datasheet
1Mb / 8P
Extremely enhanced avalanche capability
DTGN50N60 DINTEK-DTGN50N60 Datasheet
1Mb / 10P
Extremely enhanced avalanche capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com