Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10LCD100C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS10LCD100C
Description  Avalanche capability specified
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10LCD100C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS10LCD100C Datasheet HTML 1Page - STMicroelectronics STPS10LCD100C Datasheet HTML 2Page - STMicroelectronics STPS10LCD100C Datasheet HTML 3Page - STMicroelectronics STPS10LCD100C Datasheet HTML 4Page - STMicroelectronics STPS10LCD100C Datasheet HTML 5Page - STMicroelectronics STPS10LCD100C Datasheet HTML 6Page - STMicroelectronics STPS10LCD100C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS10LCD100C
4/7
Figure 9.
Forward voltage drop versus forward current (per diode)
Figure 7.
Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 8.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
102030405060708090
100
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=50°C
T
j=75°C
I (µA)
R
V (V)
R
10
100
1000
1
10
100
F=1MHz
V
OSC=30mVRMS
T
j=25°C
V (V)
R
C(pF)
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
I
(A)
FM
V
(V)
FM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com