Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10LCD100C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS10LCD100C
Description  Avalanche capability specified
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10LCD100C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS10LCD100C Datasheet HTML 1Page - STMicroelectronics STPS10LCD100C Datasheet HTML 2Page - STMicroelectronics STPS10LCD100C Datasheet HTML 3Page - STMicroelectronics STPS10LCD100C Datasheet HTML 4Page - STMicroelectronics STPS10LCD100C Datasheet HTML 5Page - STMicroelectronics STPS10LCD100C Datasheet HTML 6Page - STMicroelectronics STPS10LCD100C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPS10LCD100C
Characteristics
3/7
Figure 1.
Average forward power
dissipation versus average forward
current
Figure 2.
Average forward current versus
ambient temperature
(
δ = 0.5)
0
1
2
3
4
5
0123
4567
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
P
(W)
F(AV)
I
(A)
F(AV)
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
T
δ=tp/T
tp
I
(A)
F(AV)
T
(°C)
amb
Rth(j-a) = 15 °C/W
Rth(j-a) = Rth(j-c)
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(T )
P
(25°C)
ARM
j
ARM
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
Figure 6.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
0
10
20
30
40
50
60
70
80
1.E-03
1.E-02
1.E-01
1.E+00
T
C=75°C
T
C=100°C
T
C=125°C
IM
t
δ =0.5
I (A)
M
t(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
T
δ=tp/T
tp
Z/R
th(j-c)
th(j-c)
t (s)
p



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com