Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5416 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 49Page - Texas Instruments TMS320VC5416 Datasheet HTML 50Page - Texas Instruments TMS320VC5416 Datasheet HTML 51Page - Texas Instruments TMS320VC5416 Datasheet HTML 52Page - Texas Instruments TMS320VC5416 Datasheet HTML 53Page - Texas Instruments TMS320VC5416 Datasheet HTML 54Page - Texas Instruments TMS320VC5416 Datasheet HTML 55Page - Texas Instruments TMS320VC5416 Datasheet HTML 56Page - Texas Instruments TMS320VC5416 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
5
Electrical Specifications
5.1
Absolute Maximum Ratings
5.2
Recommended Operating Conditions
TMS320VC5416
Fixed-Point Digital Signal Processor
www.ti.com
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
This section provides the absolute maximum ratings and the recommended operating conditions for the
TMS320VC5416 DSP.
The absolute maximum ratings are measure over operating case temperature range. Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated under Section 5.3.1 is not implied. Exposure
to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage values are with respect to
DVSS.
DVDD
Supply voltage I/O range
– 0.3 V to 4.0 V
CVDD
Supply voltage core range
– 0.3 V to 2.0 V
VI
Input voltage range
– 0.3 V to 4.5 V
VO
Output voltage range
– 0.3 V to 4.5 V
TC
Operating case temperature range
– 40
°C to 100°C
Tstg
Storage temperature range
– 55
°C to 150°C
MIN
NOM
MAX
UNIT
DVDD
Device supply voltage, I/O
2.7
3.3
3.6
V
CVDD
Device supply voltage, core (VC5416-160)
1.55
1.6
1.65
V
CVDD
Device supply voltage, core (VC5416-120)
1.42
1.5
1.65
V
DVSS
Supply voltage, GND
0
V
CVSS
RS, INTn, NMI, X2/CLKIN,
CLKMDn, BCLKRn, BCLKXn,
HCS, HDS1, HDS2, HAS,
2.4
DVDD + 0.3
VIH
High-level input voltage, I/O
V
TRST, BIO, Dn, An, HDn, TCK
DVDD = 2.7 V to 3.6 V
All other inputs
2
DVDD + 0.3
VIL
Low-level input voltage
– 0.3
0.8
V
IOH
High-level output current(1)(2)
– 8
mA
IOL
Low-level output current(1)(2)
8
mA
TC
Operating case temperature
– 40
100
°C
(1)
The maximum output currents are DC values only. Transient currents may exceed these values.
(2)
These output current limits are used for the test conditions on VOL and VOH, except where noted otherwise.
Submit Documentation Feedback
Electrical Specifications
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com