Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5416 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 6Page - Texas Instruments TMS320VC5416 Datasheet HTML 7Page - Texas Instruments TMS320VC5416 Datasheet HTML 8Page - Texas Instruments TMS320VC5416 Datasheet HTML 9Page - Texas Instruments TMS320VC5416 Datasheet HTML 10Page - Texas Instruments TMS320VC5416 Datasheet HTML 11Page - Texas Instruments TMS320VC5416 Datasheet HTML 12Page - Texas Instruments TMS320VC5416 Datasheet HTML 13Page - Texas Instruments TMS320VC5416 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
2
Introduction
2.1
Description
2.2
Pin Assignments
2.2.1
Terminal Assignments for the GGU Package
A
B
D
C
E
F
H
J
L
M
K
N
G
1
2
3
4
5
6
7
8
10
12 11
13
9
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
www.ti.com
This section describes the main features of the TMS320VC5416, lists the pin assignments, and describes
the function of each pin. This data manual also provides a detailed description section, electrical
specifications, parameter measurement information, and mechanical data about the available packaging.
NOTE
This data manual is designed to be used in conjunction with the TMS320C54x™ DSP
Functional Overview (literature number SPRU307).
The TMS320VC5416 fixed-point, digital signal processor (DSP) (hereafter referred to as the device unless
otherwise specified) is based on an advanced modified Harvard architecture that has one program
memory bus and three data memory buses. This processor provides an arithmetic logic unit (ALU) with a
high degree of parallelism, application-specific hardware logic, on-chip memory, and additional on-chip
peripherals. The basis of the operational flexibility and speed of this DSP is a highly specialized instruction
set.
Separate program and data spaces allow simultaneous access to program instructions and data, providing
a high degree of parallelism. Two read operations and one write operation can be performed in a single
cycle. Instructions with parallel store and application-specific instructions can fully utilize this architecture.
In addition, data can be transferred between data and program spaces. Such parallelism supports a
powerful set of arithmetic, logic, and bit-manipulation operations that can all be performed in a single
machine cycle. The device also includes the control mechanisms to manage interrupts, repeated
operations, and function calls.
Figure 2-1 illustrates the ball locations for the 144-pin ball grid array (BGA) package and is used in
conjunction with Table 2-1 to locate signal names and ball grid numbers. Figure 2-2 provides the pin
assignments for the 144-pin low-profile quad flatpack (LQFP) package.
Figure 2-1. 144-Ball GGU MicroStar BGA™ (Bottom View)
Introduction
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com