Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5416 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 59Page - Texas Instruments TMS320VC5416 Datasheet HTML 60Page - Texas Instruments TMS320VC5416 Datasheet HTML 61Page - Texas Instruments TMS320VC5416 Datasheet HTML 62Page - Texas Instruments TMS320VC5416 Datasheet HTML 63Page - Texas Instruments TMS320VC5416 Datasheet HTML 64Page - Texas Instruments TMS320VC5416 Datasheet HTML 65Page - Texas Instruments TMS320VC5416 Datasheet HTML 66Page - Texas Instruments TMS320VC5416 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
5.5.2
Memory Write
tsu(D)MSH
td(CLKL-MSH)
td(CLKL-A)
CLKOUT
A[22:0]
(see Note A)
D[15:0]
MSTRB
R/W
(see Note A)
PS/DS
(see Note A)
td(CLKL-D)W
td(CLKL-MSL)
tsu(A)MSL
th(D)MSH
tw(SL)MS
td(CLKL-A)
TMS320VC5416
Fixed-Point Digital Signal Processor
www.ti.com
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
Table 5-9 assumes testing over recommended operating conditions with MSTRB = 0 and H = 0.5tc(CO) (see
Figure 5-7).
Table 5-9. Memory Write Switching Characteristics
5416-120
5416-160
PARAMETER
UNIT
MIN
MAX
td(CLKL-A)
Delay time, CLKOUT low to address valid(1)
–1
4
ns
tsu(A)MSL
Setup time, address valid before MSTRB low(1)
2H – 3
ns
td(CLKL-D)W
Delay time, CLKOUT low to data valid
–1
4
ns
tsu(D)MSH
Setup time, data valid before MSTRB high
2H – 4
2H + 6
ns
th(D)MSH
Hold time, data valid after MSTRB high
2H – 5
2H + 6
ns
td(CLKL-MSL)
Delay time, CLKOUT low to MSTRB low
–1
4
ns
tw(SL)MS
Pulse duration, MSTRB low
2H – 2
ns
td(CLKL-MSH)
Delay time, CLKOUT low to MSTRB high
0
4
ns
(1)
Address, R/W, PS, DS, and IS timings are all included in timings referenced as address.
A.
Address, R/W, PS, DS, and IS timings are all included in timings referenced as address.
Figure 5-7. Memory Write (MSTRB = 0)
Submit Documentation Feedback
Electrical Specifications
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com