Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS3000 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTS3000
Description  Does not initiate clock stretching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS3000 Datasheet(HTML) 2 Page - STMicroelectronics

  STTS3000 Datasheet HTML 1Page - STMicroelectronics STTS3000 Datasheet HTML 2Page - STMicroelectronics STTS3000 Datasheet HTML 3Page - STMicroelectronics STTS3000 Datasheet HTML 4Page - STMicroelectronics STTS3000 Datasheet HTML 5Page - STMicroelectronics STTS3000 Datasheet HTML 6Page - STMicroelectronics STTS3000 Datasheet HTML 7Page - STMicroelectronics STTS3000 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Description
STTS3000
2/8
Doc ID 17407 Rev 1
1
Description
The STTS3000 is targeted for DIMM modules in mobile personal computing platforms
(laptops), servers and other industrial applications. The thermal sensor (TS) in the
STTS3000 is compliant with the JEDEC specification TS3000 which defines memory
module thermal sensors requirements for mobile platforms.
The TS provides space as well as cost savings for mobile and server platform dual inline
memory modules (DIMM) manufacturers, as it is packaged in the compact 2 mm x 3 mm
8-lead TDFN package with a thinner maximum height of 0.80 mm. The DN package is
compliant to JEDEC MO-229, variation WCED-3.
The digital temperature sensor has a programmable 9-12 bit analog-to-digital converter
(ADC) which monitors and digitizes the temperature to a resolution of up to 0.0625 °C. The
default resolution is 0.25 °C/LSB (10-bit). The typical accuracies over these temperature
ranges are:
●
±2 °C over the full temperature measurement range of –40 °C to 125 °C
●
±1 °C in the +40 °C to +125 °C active temperature range, and
●
±0.5 °C in the +75 °C to +95 °C monitor temperature range
The temperature sensor in the STTS3000 is specified for operating at supply voltages from
2.3 V to 3.6 V. Operating at 3.3 V, the typical supply current is 160 µA (includes SMBus
communication current).
The on-board sigma delta ADC converts the measured temperature to a digital value that is
calibrated in °C. For Fahrenheit applications, a lookup table or conversion routine is
required. The STTS3000 is factory-calibrated and requires no external components to
measure temperature.
The digital temperature sensor has user-programmable registers that provide the
capabilities for DIMM temperature-sensing applications. The open drain event output pin is
active when the monitoring temperature exceeds a programmable limit, or it falls above or
below an alarm window. The user has the option to set the event output as a critical
temperature output. This pin can be configured to operate in either a comparator mode for
thermostat operation or in interrupt mode.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com