Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS3000 Datasheet (PDF) - STMicroelectronics

STTS3000 Datasheet PDF - STMicroelectronics
Part # STTS3000
Download  STTS3000 Download
File Size   131.11 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Does not initiate clock stretching

STTS3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
STTS3000 Datasheet PDF - STMicroelectronics

Part # STTS3000
Download  STTS3000 Click to download

File Size   131.11 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Does not initiate clock stretching

STTS3000 Datasheet (HTML) - STMicroelectronics


STTS3000 Product details

Features
■ STTS3000 is a 2.3 V memory module temperature sensor forward compatible with JEDEC standard TS3000 and backward compatible with STTS424
■ Operating temperature range: – –40 °C to +125 °C
■ Single supply voltage: 2.3 V to 3.6 V
■ Temperature sensor resolution: programmable (9-12 bits) 0.25 °C (typ)/LSB - (10-bit) default
■ Temperature sensor accuracy (max): – ± 1 °C from +75 °C to +95 °C – ± 2 °C from +40 °C to +125 °C – ± 3 °C from –40 °C to +125 °C
■ ADC conversion time: 125 ms (max) at default resolution (10-bit)
■ Typical operating supply current: 160 µA
■ Temperature hysteresis selectable set points from: 0, 1.5, 3, 6.0 °C
■ Two-wire SMBus/I2C - compatible serial interface
■ Supports up to 400 kHz transfer rate
■ Does not initiate clock stretching
■ Supports SMBus timeout 25 ms - 35 ms
■ Spike suppression filters on the two-wire bus inputs
■ Voltage hysteresis per I2C specs on the two- wire bus inputs
■ 2 mm x 3 mm TDFN8, height: 0.80 mm (max)(a)
■ RoHS compliant, halogen-free a. Compliant to JEDEC MO-229, WCED-3 TDFN8 (DN)(a) 2 mm x 3 mm (max height 0.80 mm)




Similar Part No. - STTS3000

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
STTS3 APEX-ELECTRONICS-STTS3 Datasheet
395Kb / 3P
Miniature Toggle switches
STTS3M2RES APEX-ELECTRONICS-STTS3M2RES Datasheet
395Kb / 3P
Miniature Toggle switches
STTS3M6RES APEX-ELECTRONICS-STTS3M6RES Datasheet
395Kb / 3P
Miniature Toggle switches
STTS3M7RES APEX-ELECTRONICS-STTS3M7RES Datasheet
395Kb / 3P
Miniature Toggle switches
More results


Similar Description - STTS3000

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51031 CHERRY-CS51031 Datasheet
153Kb / 8P
Fast PFET Buck Controller Does Not Require Compensation
Rev. 2/13/98
CS51033 CHERRY-CS51033 Datasheet
159Kb / 8P
Fast PFET Buck Controller Does Not Require Compensation
Rev. 2/13/98
logo
SyncMOS Technologies,In...
IMSAP-D001 SYNCMOS-IMSAP-D001 Datasheet
106Kb / 1P
Dimension B1 does not include dambar protrusion
IMSAP-D002 SYNCMOS-IMSAP-D002 Datasheet
120Kb / 1P
Dimension B1 does not include dambar protrusion
IMSAP-D006 SYNCMOS-IMSAP-D006 Datasheet
117Kb / 1P
Dimension B does not include dambar protrusion
logo
TE Connectivity Ltd
C-1744544 TEC-C-1744544 Datasheet
181Kb / 1P
DIMENSION DOES NOT INCLUDE CUT-OFF.
logo
Diodes Incorporated
AL8805EV1 DIODES-AL8805EV1 Datasheet
144Kb / 8P
The evaluation board does not have reverse supply protection
AUGUST 2010
AL8807AEV1 DIODES-AL8807AEV1 Datasheet
104Kb / 8P
The evaluation board does not have reverse supply protection.
OCTOBER 2012
AL8807EV3 DIODES-AL8807EV3 Datasheet
197Kb / 8P
The evaluation board does not have reverse supply protection
DECEMBER 2011
AP8801EV1 DIODES-AP8801EV1 Datasheet
214Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com