Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS3000 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTS3000
Description  Does not initiate clock stretching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS3000 Datasheet(HTML) 5 Page - STMicroelectronics

  STTS3000 Datasheet HTML 1Page - STMicroelectronics STTS3000 Datasheet HTML 2Page - STMicroelectronics STTS3000 Datasheet HTML 3Page - STMicroelectronics STTS3000 Datasheet HTML 4Page - STMicroelectronics STTS3000 Datasheet HTML 5Page - STMicroelectronics STTS3000 Datasheet HTML 6Page - STMicroelectronics STTS3000 Datasheet HTML 7Page - STMicroelectronics STTS3000 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STTS3000
Temperature sensor registers
Doc ID 17407 Rev 1
5/8
2
Temperature sensor registers
The temperature sensor component is comprised of various user-programmable registers.
These registers are required to write their corresponding addresses to the pointer register.
They can be accessed by writing to their respective addresses (see Table 2). Pointer
register bits 7 - 4 must always be written to '0'. This must be maintained, as not setting these
bits to '0' may keep the device from performing to specifications.
The main registers include:
●
Capability register (read-only)
●
Configuration register (read/write)
●
Temperature register (read-only)
●
Alarm temperature trip registers (read/write), including
–
Alarm temperature upper boundary,
–
Alarm temperature lower boundary, and
–
Critical temperature.
●
Manufacturer’s ID register (read-only)
●
Device ID and device revision ID register (read-only)
●
Temperature resolution register (TRES) (read/write)
Note:
Registers beyond the specified (00-08) are reserved for STMicroelectronics internal use
only, for device test modes in product manufacturing. The registers must NOT be accessed
by the user (customer) in the system application or the device may not perform according to
specifications.
Table 2.
Temperature sensor registers summary
Address (hex)
Register name
Power-on default
Not applicable
Address pointer
Undefined
00
Capability
B-grade only
0x006F
01
Configuration
0x0000
02
Alarm temperature upper boundary trip
0x0000
03
Alarm temperature lower boundary trip
0x0000
04
Critical temperature trip
0x0000
05
Temperature
Undefined
06
Manufacturer’s ID
0x104A
07
Device ID/revision
0x0200
08
Temperature resolution register
0x01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com