Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU7NF25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU7NF25
Description  Switching applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU7NF25 Datasheet(HTML) 1 Page - STMicroelectronics

  STU7NF25 Datasheet HTML 1Page - STMicroelectronics STU7NF25 Datasheet HTML 2Page - STMicroelectronics STU7NF25 Datasheet HTML 3Page - STMicroelectronics STU7NF25 Datasheet HTML 4Page - STMicroelectronics STU7NF25 Datasheet HTML 5Page - STMicroelectronics STU7NF25 Datasheet HTML 6Page - STMicroelectronics STU7NF25 Datasheet HTML 7Page - STMicroelectronics STU7NF25 Datasheet HTML 8Page - STMicroelectronics STU7NF25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
July 2013
DocID025041 Rev 1
1/12
STU7NF25
N-channel 250 V, 0.29
Ω typ., 8 A STripFET™ II Power MOSFET
in IPAK package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• 100% avalanche tested
• 175 °C junction temperature
Applications
• Switching applications
Description
This Power MOSFET has been developed using
STMicroelectronics’ unique STripFET process,
which is specifically designed to minimize input
capacitance and gate charge. This renders the
device suitable for use as primary switch in
advanced high-efficiency isolated DC-DC
converters for telecom and computer
applications, and applications with low gate
charge driving requirements.
IPAK
3
2
1
TAB
Order code
VDSS
RDS(on) max.
ID
STU7NF25
250 V
0.42
Ω
8 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STU7NF25
7NF25
IPAK
Tube
www.st.com


Similar Part No. - STU7NF25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU7N105K5 STMICROELECTRONICS-STU7N105K5 Datasheet
989Kb / 18P
N-channel 1050 V, 1.4 Ω typ., 4 A MDmesh™ K5 Power MOSFETs in TO-220, IPAK and TO-247 packages
October 2016 Rev 2
STU7N60M2 STMICROELECTRONICS-STU7N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
June 2013 Rev 1
logo
Inchange Semiconductor ...
STU7N60M2 ISC-STU7N60M2 Datasheet
317Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STU7N65M2 STMICROELECTRONICS-STU7N65M2 Datasheet
881Kb / 18P
N-channel 650 V, 0.98 Ω typ., 5 A MDmesh™M2 Power MOSFETs in TO-220 and IPAK packages
28-May-2015
STU7N65M6 STMICROELECTRONICS-STU7N65M6 Datasheet
458Kb / 13P
N-channel 650 V, 0.91 typ., 5 A, MDmesh™ M6 Power MOSFET in an IPAK package
October 2018 Rev 3
More results

Similar Description - STU7NF25

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
Switching Applications
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
Switching Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
Switching Applications
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
Switching Applications
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
Switching and Applications Switching and Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
Switching applications
12-Mar-2015
STW40N65M2 STMICROELECTRONICS-STW40N65M2 Datasheet
433Kb / 12P
Switching applications
09-Feb-2014
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
Switching applications
November 2016 Rev 1
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
Switching applications
29-Jan-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com