Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU7NF25 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STU7NF25
Description  Switching applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU7NF25 Datasheet(HTML) 5 Page - STMicroelectronics

  STU7NF25 Datasheet HTML 1Page - STMicroelectronics STU7NF25 Datasheet HTML 2Page - STMicroelectronics STU7NF25 Datasheet HTML 3Page - STMicroelectronics STU7NF25 Datasheet HTML 4Page - STMicroelectronics STU7NF25 Datasheet HTML 5Page - STMicroelectronics STU7NF25 Datasheet HTML 6Page - STMicroelectronics STU7NF25 Datasheet HTML 7Page - STMicroelectronics STU7NF25 Datasheet HTML 8Page - STMicroelectronics STU7NF25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DocID025041 Rev 1
5/12
STU7NF25
Electrical characteristics
12
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
I
SDM
Source-drain current
Source-drain current
(pulsed)
-
8
32
A
A
V
SD
Forward on voltage
I
SD
=8 A, V
GS
=0 V
-
1.5
V
t
rr
Reverse recovery time
I
SD
= 8 A, di/dt = 100 A/μs,
V
DD
= 50 V
(see
Figure 15)
-
115
ns
Q
rr
Reverse recovery charge
-
470
nC
I
RRM
Reverse recovery current
-
8.5
A
t
rr
Reverse recovery time
I
SD
= 8 A, di/dt = 100 A/μs,
V
DD
= 50 V, T
J
= 150 °C
(see
Figure 15)
-
130
ns
Q
rr
Reverse recovery charge
-
580
nC
I
RRM
Reverse recovery current
-
9.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com