Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU7NF25 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STU7NF25
Description  Switching applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU7NF25 Datasheet(HTML) 3 Page - STMicroelectronics

  STU7NF25 Datasheet HTML 1Page - STMicroelectronics STU7NF25 Datasheet HTML 2Page - STMicroelectronics STU7NF25 Datasheet HTML 3Page - STMicroelectronics STU7NF25 Datasheet HTML 4Page - STMicroelectronics STU7NF25 Datasheet HTML 5Page - STMicroelectronics STU7NF25 Datasheet HTML 6Page - STMicroelectronics STU7NF25 Datasheet HTML 7Page - STMicroelectronics STU7NF25 Datasheet HTML 8Page - STMicroelectronics STU7NF25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID025041 Rev 1
3/12
STU7NF25
Electrical ratings
12
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
250
V
V
GS
Gate-source voltage
±20
V
I
D
Drain current (continuous) at T
C
= 25 °C
8
A
Drain current (continuous) at T
C
=100 °C
6
A
I
DM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
32
A
P
TOT
Total dissipation at T
C
= 25 °C
72
W
T
J
T
stg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case
2.08
°C/W
R
thj-amb
Thermal resistance junction-amb max
100
Table 4. Avalanche data
Symbol
Parameter
Value
Unit
I
AV
Non-repetitive avalanche current
8
A
E
AS
Single pulse avalanche energy (starting
T
J
=25 °C, I
D
=I
AV
, V
DD
=50 V)
110
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com