Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3431 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS3431
Description  1.24V Programmable Shunt Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3431 Datasheet(HTML) 1 Page - STMicroelectronics

  TS3431 Datasheet HTML 1Page - STMicroelectronics TS3431 Datasheet HTML 2Page - STMicroelectronics TS3431 Datasheet HTML 3Page - STMicroelectronics TS3431 Datasheet HTML 4Page - STMicroelectronics TS3431 Datasheet HTML 5Page - STMicroelectronics TS3431 Datasheet HTML 6Page - STMicroelectronics TS3431 Datasheet HTML 7Page - STMicroelectronics TS3431 Datasheet HTML 8Page - STMicroelectronics TS3431 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
December 2004
Revision 2
1/11
■ Adjustable output voltage: 1.24 to 24V
■ Several precision @ 25°C
±2%, ±1%, ±0.5% and ±0.25%
■ Sink current capability: 0.4 to 100mA
■ Industrial temperature range: -40 to +125°C
■ Performances compatible with industry
standard TL431
Description
The TS3431 is a programmable shunt voltage
reference with guaranteed temperature stability
over the entire temperature range of operation
(-40 to +125°C). The output voltage may be set to
any value between 1.24V and 24V with an
external resistor bridge.
Available in SOT23-3 surface mount package, it
can be designed in applications where space
saving is a critical issue.
Applications
■ Computers
■ Instrumentation
■ Battery chargers
■ Switch mode power supply
■ Battery operated equipments
Pin Connections (top view)
Order Codes
L
SOT23-3L
(Plastic Micropackage)
Z
TO-92
(Plastic Package)
TO-92
(top view)
SOT23-3
(top view)
3
1
2
Cathode
Reference
Anode
Part Number
Temperature Range
Package
Packaging
Marking
TS3431ILT/AILT/BILT/CILT
-40, +125°C
SOT23-3L
Tape & Reel
L280-L281
L282-L283
TS3431IZ/AIZ/BIZ/CIZ
TO-92
Bulk
TS3431IZT/AIZT/BIZT/CIZT
Tape & Reel
TS3431IZ-AP/AIZ-AP/BIZ-AP/CIZ-AP
Ammo pack
TS3431
1.24V Programmable Shunt Voltage Reference


Similar Part No. - TS3431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431 Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
TS3431AILT STMICROELECTRONICS-TS3431AILT Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
TS3431BILT STMICROELECTRONICS-TS3431BILT Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
logo
TECH PUBLIC Electronics...
TS3431BILT-TP TECHPUBLIC-TS3431BILT-TP Datasheet
2Mb / 5P
Precision adjustable reference source
logo
STMicroelectronics
TS3431CILT STMICROELECTRONICS-TS3431CILT Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
More results

Similar Description - TS3431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
PROGRAMMABLE SHUNT VOLTAGE REFERENCE
Feb-2002
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
Dec-2002
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041 Datasheet
147Kb / 7P
Precision Micropower 1.24V Shunt Voltage Reference
logo
List of Unclassifed Man...
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
Unisonic Technologies
TL432C UTC-TL432C Datasheet
103Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041_04 Datasheet
115Kb / 9P
Precision 1.24V Shunt Voltage Reference
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
logo
Unisonic Technologies
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
STMicroelectronics
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
Programmable shunt voltage reference
23-Nov-2015
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com