Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161H Datasheet(PDF) 1 Page - STMicroelectronics

Part # IPS161H
Description  Ground disconnection protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161H Datasheet(HTML) 1 Page - STMicroelectronics

  IPS161H Datasheet HTML 1Page - STMicroelectronics IPS161H Datasheet HTML 2Page - STMicroelectronics IPS161H Datasheet HTML 3Page - STMicroelectronics IPS161H Datasheet HTML 4Page - STMicroelectronics IPS161H Datasheet HTML 5Page - STMicroelectronics IPS161H Datasheet HTML 6Page - STMicroelectronics IPS161H Datasheet HTML 7Page - STMicroelectronics IPS161H Datasheet HTML 8Page - STMicroelectronics IPS161H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
October 2016
DocID029436 Rev 2
1/25
This is information on a product in full production.
www.st.com
IPS161H
Single high-side switch
Datasheet - production data
Features
RDS(on)
IOUT
VCC
0.060 Ω
0.7 A
65 V
8 V to 60 V operating voltage range
Minimum output current limitation: 0.7 A
Non-dissipative short-circuit protection (cut-
off)
Programmable cut-off delay time using
external capacitor
Diagnostic signalization for: open load in off-
state, cut-off and junction thermal shutdown
Fast demagnetization of inductive load
Ground disconnection protection
VCC disconnection protection
Undervoltage lock-out
Designed to meet IEC 61131-2
PSSO12 package
Applications
Programmable logic control
Industrial PC peripheral input/output
Numerical control machines
SIL applications
Description
The IPS161H is a monolithic device which can
drive capacitive, resistive or inductive loads with
one side connected to ground; it is specifically
designed to match safety integrity level (SIL)
applications.
Built-in thermal shutdown protects the chip
against overtemperature and short-circuit. In
order to minimize the power dissipation when the
output is shorted, a non-dissipative short-circuit
protection (cut-off) is implemented, it limits both
the output average current value and,
consequently, the device overheating. The DIAG
common diagnostic pin reports the thermal
shutdown, open load in off-state and cut-off.
Cut-off delay time can be programmed by an
external capacitor.
Table 1: Device summary
Order code
Package
Packing
IPS161H
PowerSSO12
Tube
IPS161HTR
Tape and reel
PowerSSO12


Similar Part No. - IPS161H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IPS161HF STMICROELECTRONICS-IPS161HF Datasheet
840Kb / 27P
Single channel high-side switches
Rev 2 - June 2020
IPS161HFTR STMICROELECTRONICS-IPS161HFTR Datasheet
840Kb / 27P
Single channel high-side switches
Rev 2 - June 2020
More results

Similar Description - IPS161H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K7L-AT50D OMRON-K7L-AT50D Datasheet
468Kb / 10P
Liquid Leakage Sensor Amplifier with Disconnection Detection Function
logo
Texas Instruments
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Torex Semiconductor
XC9141 TOREX-XC9141 Datasheet
1Mb / 30P
Load Disconnection Function, 0.8A Step-up DC/DC Converters
logo
Japan Aviation Electron...
PF-CF JAE-PF-CF Datasheet
170Kb / 4P
Push-Pull, Easy Disconnection type
logo
Allegro MicroSystems
A5950 ALLEGRO-A5950 Datasheet
468Kb / 11P
Motor lead short-to-ground protection
logo
Littelfuse
SE-502 LITTELFUSE-SE-502 Datasheet
2Mb / 1P
Ground-Fault Ground-Continuity Detector
logo
Shenzhen Huazhimei Semi...
HM4412T HMSEMI-HM4412T Datasheet
3Mb / 14P
130mW differential input with disconnection funtion
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
logo
Littelfuse
601-CS-D-P1 LITTELFUSE-601-CS-D-P1 Datasheet
467Kb / 2P
Monitors a zero-sequence CT for high accuracy ground fault protection
2016 Rev: 1-A-060216
logo
ABLE Power Products
SD10P277LE-TL ABLEPOWERPRODUCTS-SD10P277LE-TL Datasheet
937Kb / 1P
FAST PLUG-IN SURGE PROTECTION WITH EXTERNAL GROUND-RETROFIT SERIES
Revised 7/6/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com