Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161H Datasheet(PDF) 13 Page - STMicroelectronics

Part # IPS161H
Description  Ground disconnection protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button IPS161H Datasheet HTML 9Page - STMicroelectronics IPS161H Datasheet HTML 10Page - STMicroelectronics IPS161H Datasheet HTML 11Page - STMicroelectronics IPS161H Datasheet HTML 12Page - STMicroelectronics IPS161H Datasheet HTML 13Page - STMicroelectronics IPS161H Datasheet HTML 14Page - STMicroelectronics IPS161H Datasheet HTML 15Page - STMicroelectronics IPS161H Datasheet HTML 16Page - STMicroelectronics IPS161H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
IPS161H
Protection and diagnostic
DocID029436 Rev 2
13/25
6
Protection and diagnostic
The IC integrates several protections to ease the design of a robust application.
6.1
Undervoltage lock-out
The device turns off if the supply voltage falls below the turn-off threshold (VUV(off)). Normal
operation restarts after VCC exceeds the turn-on threshold (VUV(on)). Turn-on and turn-off
thresholds are defined in Table 5: "Supply".
6.2
Overtemperature
The output stage turns off when its internal junction temperature (TJ) exceeds the shutdown
threshold TJSD. Normal operation restarts when TJ comes back below the reset threshold
(TJSD - TJHYST), see Table 9: "Protection and diagnostic". The internal fault signal is set
when the channel is off due to thermal protection and it is reset when the junction triggers
the reset threshold. This same behavior is reported on DIAG pin.
6.3
Cut-off
The output current of the power stage is internally limited at the fixed ILIM threshold.
The IPS161H implements the cut-off feature which limits the duration of the current
limitation condition.
The duration of the current limitation condition (Tcoff) can be set by a capacitor (CCoD)
placed between CoD and GND pins. The design rule for CCoD is:
tcoff[us] +/- 35% = 50 x Ccod[nF]
The drift of +/-35% is guaranteed in the range of 10 nF < Ccod < 100 nF; lower capacitance
than 10 nF can be used.
If ILIM threshold is triggered, the output stage remains in the current limitation condition
(IOUT = ILIM) no longer than tcoff. If tcoff elapses, the output stage turns off and restarts after
the tres restart time.
Thermal shutdown protection has higher priority than cut-off:
IC is forced off if TJSD is triggered before tcoff elapses
if TJSD is triggered, IC is maintained off even after the tres has elapsed and until the TJ
decreases below TJSD-TJHYST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com