Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161H Datasheet(PDF) 11 Page - STMicroelectronics

Part # IPS161H
Description  Ground disconnection protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button IPS161H Datasheet HTML 7Page - STMicroelectronics IPS161H Datasheet HTML 8Page - STMicroelectronics IPS161H Datasheet HTML 9Page - STMicroelectronics IPS161H Datasheet HTML 10Page - STMicroelectronics IPS161H Datasheet HTML 11Page - STMicroelectronics IPS161H Datasheet HTML 12Page - STMicroelectronics IPS161H Datasheet HTML 13Page - STMicroelectronics IPS161H Datasheet HTML 14Page - STMicroelectronics IPS161H Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
IPS161H
Electrical characteristics
DocID029436 Rev 2
11/25
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tBKT
Open load blanking
time
200
μs
VDIAG
Voltage drop on
DIAG
IDIAG = 4 mA
1
V
IDIAG
DIAG pin leakage
current
VCC
≤ 36 V
110
μA
36 V ˂ VCC ≤ 60 V
180
ILIM
Output current
limitation
VCC
≤ 32 V,
RLOAD
≤ 10 mΩ
0.7
1.7
A
tcoff
Cut-off current
delay time
Programmable by the
external capacitor on
CoD pin. Cut-off is
disabled when CoD pin
is connected to GND
through 1 kΩ resistor.
TJ
˂ TJSD
50xCCOD[nf] ± 35%(1)
μs
tres
Output stage
restart delay time
TJ
˂ TJSD
32xtcoff
[μs] ± 40%
TJSD
Junction
temperature
shutdown
150
170
190
°C
TJHYST
Junction
temperature
thermal hysteresis
15
Notes:
(1)The formula is guaranteed in the range 10 nF ≤ CCOD ≤ 100 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com