Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANPSC110F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANPSC110F
Description  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANPSC110F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SCANPSC110F Datasheet HTML 1Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 2Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 3Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 4Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 5Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 6Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 7Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 8Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SCANPSC110F
SCAN Bridge Hierarchical and Multidrop Addressable
JTAG Port (IEEE1149.1 System Test Support)
General Description
The SCANPSC110F Bridge extends the IEEE Std. 1149.1
test bus into a multidrop test bus environment. The advan-
tage of a hierarchical approach over a single serial scan
chain is improved test throughput and the ability to remove a
board from the system and retain test access to the remain-
ing modules. Each SCANPSC110F Bridge supports up to 3
local scan rings which can be accessed individually or com-
bined serially. Addressing is accomplished by loading the in-
struction register with a value matching that of the Slot in-
puts. Backplane and inter-board testing can easily be
accomplished by parking the local TAP Controllers in one of
the stable TAP Controller states via a Park instruction. The
32-bit TCK counter enables built in self test operations to be
performed on one port while other scan chains are simulta-
neously tested.
Features
n True IEEE1149.1 hierarchical and multidrop addressable
capability
n The 6 slot inputs support up to 59 unique addresses, a
Broadcast Address, and 4 Multi-cast Group Addresses
n 3 IEEE 1149.1-compatible configurable local scan ports
n Mode Register allows local TAPs to be bypassed,
selected for insertion into the scan chain individually, or
serially in groups of two or three
n 32-bit TCK counter
n 16-bit LFSR Signature Compactor
n Local TAPs can be tri-stated via the OE input to allow
an alternate test master to take control of the local TAPs
n The IP version of this device supports features not
described in this datasheet such as 8 slot inputs for
enhanced address capability and additional instructions.
For a completed description of the additional instructions
supported, refer to the SCANPSC110 supplemental
datasheet.
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
28-Pin
CDIP and Flatpak
DS100327-1
Pin Assignment for LCC
DS100327-2
October 1999
© 1999 National Semiconductor Corporation
DS100327
www.national.com


Similar Part No. - SCANPSC110F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCANPSC110F FAIRCHILD-SCANPSC110F Datasheet
270Kb / 25P
SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
SCANPSC110FSC FAIRCHILD-SCANPSC110FSC Datasheet
270Kb / 25P
SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
More results

Similar Description - SCANPSC110F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT8996 TI-SN54ABT8996 Datasheet
564Kb / 40P
10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
SN54LVT8996 TI-SN54LVT8996 Datasheet
717Kb / 44P
3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 JTAG TAP TRANSCEIVERS
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111 Datasheet
524Kb / 29P
Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Texas Instruments
SN74LVT8986 TI-SN74LVT8986 Datasheet
880Kb / 47P
3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
logo
Fairchild Semiconductor
SCANPSC110F FAIRCHILD-SCANPSC110F Datasheet
270Kb / 25P
SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
logo
National Semiconductor ...
SCANSTA111 NSC-SCANSTA111_05 Datasheet
911Kb / 31P
Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
logo
Texas Instruments
SN54LVT8996 TI-SN54LVT8996_99 Datasheet
603Kb / 41P
3.3-V 10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SN74LVT8986 TI-SN74LVT8986_07 Datasheet
885Kb / 54P
3.3-V LINKING ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
SCANSTA111 TI1-SCANSTA111 Datasheet
1Mb / 38P
SCANSTA111 Enhanced SCAN Bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
SN54ABT8996 TI1-SN54ABT8996_15 Datasheet
741Kb / 46P
10-BIT ADDRESSABLE SCAN PORTS MULTIDROP-ADDRESSABLE IEEE STD 1149.1 (JTAG) TAP TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com