Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANPSC110F Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANPSC110F
Description  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANPSC110F Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button SCANPSC110F Datasheet HTML 10Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 11Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 12Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 13Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 14Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 15Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 16Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 17Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Level 2 Protocol (Continued)
Register Descriptions
Instruction Register
The instruction shift register is an 8-bit register that is in se-
ries with the scan chain whenever the TAP Controller of the
SCANPSC110F Bridge is in the
Shift-IR state. Upon exiting
the
Capture-IR state, the value “XXXXXX01” is captured into
the instruction register, where “XXXXXX” represents the
value on the S
(0–5) inputs.
When the ’PSC110F controller is in the
Wait-For-Address
state, the instruction register is used for ’PSC110F selection
via address matching. In addressing individual ’PSC110Fs,
the chip’s addressing logic performs a comparison between
a statically-configured (hard-wired) value on that ’PSC110F’s
slot inputs, and an address which is scanned into the chip”s
instruction register. Binary address codes “000000” through
“111010” (“00” through “3A” Hex) are reserved for address-
ing individual ’PSC110Fs. Address “3B” Hex is for Broadcast
mode.
In doing multi-cast (group) addressing, a scanned-in address
is compared against the (previously scanned-in) contents of
a ’PSC110F’s Multi-Cast Group register. Binary address
codes “111110” through “111111” (“3A” through “3F” Hex) are
reserved for multi-cast addressing, and should not be as-
signed as ’PSC110F slot-input values.
Boundary-Scan Register
The boundary-scan register is a “sample only” shift register
containing cells from the S
(0–5) and OE inputs. The register
allows testing of circuitry external to the ’PSC110F. It permits
the signals flowing between the system pins to be sampled
and examined without interfering with the operation of the
on-chip system logic.
The scan chain is arranged as follows:
TDI
B→OE →S5→S4→
S
3 →S2→S1→S0→LSPN→TDOB
Bypass Register
The bypass register is a 1-bit register that operates as speci-
fied in IEEE Std. 1149.1 once the ’PSC110F has been se-
lected. The register provides a minimum length serial path
for the movement of test data between TDI
B and the LSPN.
This path can be selected when no other test data register
needs to be accessed during a board-level test operation.
Use of the bypass register shortens the serial access-path to
test data registers located in other components on a
board-level test data path.
Multi-Cast Group Register
“Multi-cast” is a method of simultaneously communicating
with more than one selected ’PSC110F.
The multi-cast group register (MCGR) is a 2-bit register used
to determine which multi-cast group a particular ’PSC110F is
assigned to. Four addresses are reserved for multi-cast ad-
dressing. When a ’PSC110F is in the
Wait-For-Address state
and receives a multi-cast address, and if that ’PSC110F’s
MCGR contains a matching value for that multi-cast ad-
dress, the ’PSC110F becomes selected and is ready to re-
ceive Level 2 Protocol (i.e., further instructions).
The MCGR is initialized to “00” upon entering the
Test-Logic-Reset state.
The following actions are used to perform multi-cast ad-
dressing:
1.
Assign all target ’PSC110Fs to a multi-cast group by
writing each individual target ’PSC110F’s MCGR with
the same multi-cast group code (see
Table 6). This con-
figuration step must be done by individually addressing
each target ’PSC110F, using that chip’s assigned slot
value.
2.
Scan out the multi-cast group address through the TDI
B
input of
all ’PSC110Fs. Note that this occurs in parallel,
resulting in the selection of only those ’PSC110Fs whose
MCGR was previously programmed with the matching
multi-cast group code.
TABLE 6. Multi-Cast Group Register Addressing
MCGR
Hex Address
Binary Address
Bits 1, 0
00
3C
XX111100
01
3D
XX111101
10
3E
XX111110
11
3F
XX111111
DS100327-11
FIGURE 10. Local Scan Port Synchronization from
Parked-RTI State
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com