Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANPSC110F Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANPSC110F
Description  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANPSC110F Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button SCANPSC110F Datasheet HTML 12Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 13Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 14Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 15Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 16Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 17Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 18Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 19Page - National Semiconductor (TI) SCANPSC110F Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Special Features
BIST SUPPORT
The sequence of instructions to run BIST testing on a parked
SCANPSC110F Bridge port is as follows:
1.
Pre-load the Boundary register of the device under test if
needed.
2.
Initialize the TCK counter to 00000000 Hex. Note that
the TCK counter is initialized to 00000000 Hex upon
Test-Logic-Reset, so this step may not be necessary.
3.
Issue the
CNTRON instruction to the ’PSC110F, to en-
able the TCK counter.
4.
Shift the
PARKRTI instruction into the ’PSC110F instruc-
tion register and
BIST instruction into the instruction reg-
ister of the device under test.
5.
Issue the
CNTRSEL instruction to the ’PSC110F.
6.
Load the TCK counter (Shift the 32-bit value represent-
ing the number of TCK
L cycles needed to execute the
BIST operation into the TCK counter register).
7.
Bit 7 of the Mode register can be scanned to check the
status of the TCK counter, (
MODESEL instruction fol-
lowed by a
Shift-DR ). Bit 7 logic “0” means the counter
has not reached terminal count, logic “1” means that the
counter has reached terminal count and the BIST opera-
tion has completed.
8.
Execute the
CNTROFF instruction.
9.
Unpark the LSP and scan out the result of the BIST op-
eration (the
CNTROFF instruction must be executed be-
fore unparking the LSP).
The Self test will begin on the rising edge of TCK
B following
the
Update-DR TAP controller state.
RESET
Reset operations can be performed at three levels. The high-
est level resets all ’PSC110F registers and all of the local
scan chains of selected and unselected ’PSC110Fs. This
“Level 1” reset is performed whenever the ’PSC110F TAP
Controller
enters
the
Test-Logic-Reset
state.
Test-Logic-Reset can be entered synchronously by forcing
TMS
B high for at least five (5) TCKB pulses, or asynchro-
nously by asserting the TRST pin. A “Level 1” reset forces all
’PSC110Fs into the
Wait-For-Address state, parks all local
scan chains in the
Test-Logic-Reset state, and initializes all
’PSC110F registers.
TABLE 10. Reset Configurations for Registers
Register
Bit Width
Initial Hex Value
MCGR
2
0
Instruction
8
AA (
IDCODE Instruction)
Mode
8
01
LFSR
16
0000
32-Bit Counter
32
00000000
The
SOFTRESET instruction is provided to perform a “Level
2” reset of all LSP’s of selected ’PSC110Fs.
SOFTRESET
forces all TMS
L signals high, placing the corresponding local
TAP Controllers in the
Test-Logic-Reset state within five (5)
TCK
B cycles.
The third level of reset is the resetting of individual local
ports. An individual LSP can be reset by parking the port in
the
Test-Logic-Reset state via the PARKTLR instruction. To
reset an individual LSP that is parked in one of the other
parked states, the LSP must first be unparked via the
UN-
PARK instruction.
PORT SYNCHRONIZATION
When a LSP is not being accessed, it is placed in one of the
four TAP Controller states:
Test-Logic-Reset, Run-Test/Idle,
Pause-DR, or Pause-IR. The ’PSC110F is able to park a lo-
cal chain by controlling the local Test Mode Select outputs
(TMS
L(1–3)) (see Figure 4 ). TMSLn is forced high for parking
in the
Test-Logic-Reset state, and forced low for parking in
Run-Test/Idle, Pause-IR, or Pause-DR states. Local chain
access is achieved by issuing the
UNPARK instruction. The
LSPs do not become unparked until the ’PSC110F TAP Con-
troller is sequenced through a specified synchronization
state. Synchronization occurs in the
Run-Test/Idle state for
LSPs parked in
Test-Logic-Reset or Run-Test/Idle; and in the
Pause-DR or Pause-IR state for ports parked in Pause-DR
or
Pause-IR, respectively.
Figures 11, 12 show the waveforms for synchronization of a
local chain that was parked in the
Test-Logic-Reset state.
Once the
UNPARK instruction is received in the instruction
register, the LSPC forces TMS
L low on the falling edge of
TCK
B.
This moves the local chain TAP Controllers to the synchroni-
zation state
(Run-Test/Idle), where they stay until synchroni-
zation occurs. If the next state of the ’PSC110F TAP Control-
ler is
Run-Test/Idle, TMS
L is connected to TMSB and the
local TAP Controllers are synchronized to the ’PSC110F TAP
Controller as shown in
Figure 12. If the next state after
DS100327-15
FIGURE 11. Local Scan Port Synchronization on Second Pass
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com