Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7212 Datasheet(PDF) 26 Page - Vitesse Semiconductor Corporation

Part # VSC7212
Description  Gigabit Interconnect Chip
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7212 Datasheet(HTML) 26 Page - Vitesse Semiconductor Corporation

Back Button VSC7212 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 28Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 29Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 30Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
ESE
SEMICONDUCTOR CORPORATION
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7212
Gigabit Interconnect Chip
Page 26
G52268-0, Rev 3.3
04/10/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800)-VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
DC Characteristics
Parameters
Description
Min.
Typ
Max
Units
Conditions
TTL Outputs (R(7:0), KCH, IDLE, ERR, RCLK/RCLKN, TBERR, PSDET, RSDET, WSO, REFOUT)
VOH
TTL output HIGH voltage
2.4
——
VIOH = -1.0mA
VOL
TTL output LOW voltage
——
0.5
V
IOL = +1.0mA
IOZ
TTL output leakage current
——
50
µA
When set to high-impedance
state through JTAG.
TTL Inputs (TBC, T(7:0), C/D, WSEN, KCHAR, BIST, LBEN(1:0), TMODE(2:0), RMODE(1:0), DUAL, PTXEN,
RTXEN, RXP/R, RESETN, ENDEC, WSI, FLOCK, TRSTN, TDI, TDO, TMS, TCK)
VIH
TTL input HIGH voltage
2.0
——
V
VIL
TTL input LOW voltage
0
0.8
V
IIH
TTL input HIGH current
50
500
µA
VIN =2.4V
IIL
TTL input LOW current
——
-1000
µA
VIN =0.5V
PECL Inputs (REFCLKP/REFCLKN)
VIH
PECL input HIGH voltage
VDD -
1.1
VDD -
0.7
V
VIL
PECL input LOW voltage
VDD -
2.0
VDD -
1.5
V
IIH
PECL input HIGH current
——
200
µA
VIN =VIH(MAX)
IIL
PECL input LOW current
- 50
——
µA
VIN =VIL(MIN)
∆V
IN
PECL input differential peak-to-
peak voltage swing
200
——
mV
| VIH(MIN) - VIL(MAX) |
a
a. Single-ended measurement results are quoted here. Differential techniques used in Fibre Channel would yield values that are
twice the magnitude. See diagram below.
VCM
PECL input common-mode
voltage
VDD -
1.5
VDD -
0.7
V
VBIAS
REFCLKP/REFCLKN internal
input bias voltage
VDD/
2
PECL Outputs (PTX+/-, RTX+/-)
∆V
OUT
PECL differential peak-to-peak
output voltage swing
500
1100
mV
| PTX+ - PTX- |
50
Ω to V
DD - 2.0V
PECL Inputs (PRX+/-, RRX+/-)
∆V
IN
PECL differential peak-to-peak
input voltage swing
200
1300
mV
| PRX+ - PRX- |
Miscellaneous
VDD
Power supply voltage
3.14
3.47
V
3.3V + 5%
PD
Power dissipation
0.65
1.2
W
Maximum at 3.47V, at 1.3Gb.s,
typical at 3.3V, outputs open,
RTX disabled.
IDD
Supply current
200
345
mA
Tx
+
Tx-
∆ V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com