Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7212 Datasheet(PDF) 31 Page - Vitesse Semiconductor Corporation

Part # VSC7212
Description  Gigabit Interconnect Chip
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7212 Datasheet(HTML) 31 Page - Vitesse Semiconductor Corporation

Back Button VSC7212 Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 28Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 29Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 30Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 31Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 32Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 33Page - Vitesse Semiconductor Corporation VSC7212 Datasheet HTML 34Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7212
Gigabit Interconnect Chip
G52268-0, Rev 3.3
Page 31
04/10/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800)-VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
29
FLOCK
I
TTL
Frequency LOCKed Mode. When HIGH indicates that the transmitting
device’s REFCLK is frequency-locked to the receiver’s word clock.
Controls rate matching (IDLE delete/duplicate) logic along with the WSI
input as defined in Table 6.
27
BIST
I
TTL
Built-In Self Test Mode. When HIGH, the transmitter continuously sends a
256 byte incrementing data pattern, and the receiver signals correct
reception of the test pattern with a LOW on TBERR.
28
ENDEC
I
TTL
ENcoder/DECoder Enable. When HIGH the VSC7212 is configured for 8
bit operation, internal 8B/10B encoding is enabled. When LOW, a 10-bit
interface is used and internal 8B/10B encoding is bypassed.
38
RESETN
I
TTL
RESETN Input. When asserted LOW, the transmitter input skew buffer and
receiver elastic buffer are recentered.
39
WSI
I
TTL
Word Sync Input. Used to control chip-to-chip alignment and IDLE
character insertion/deletion as defined in Table 6.
45
WSO
O
TTL
Word Sync Output. Used to set initial chip-to-chip word alignment, and to
maintain alignment by controlling IDLE character insertion/deletion.
79
TCK
I
TTL
JTAG Test Access Port Test Clock Input
78
TMS
I
TTL
JTAG Test Access Port Test Mode Select Input
77
TDI
I
TTL
JTAG Test Access Port Test Data Input
74
TDO
O
TTL
JTAG Test Access Port Test Data Output
80
TRSTN
I
TTL
JTAG Test Access Port Test Logic Reset Input
40
41
RSVD0
RSVD1
I
N/A
Reserved Inputs for future use. Set HIGH for compatibility reasons.
12
VDDA
P
VDD
Analog power supply to PLL.
15
VSSA
P
GND
Analog ground to PLL.
16,24,32
42,84,94
VDDD
P
VDD
Digital power supply.
6,11,19,33
44,83,93
VSSD
P
GND
Digital ground.
49,57,64
70
VDDT
P
VDD
TTL output power supply.
47,54,59
62,67,72
VSST
P
GND
TTL output ground.
3
8
VDDP
VDDR
P
VDD
PECL Output power supply for PTX.
PECL Output power supply for RTX.
If use of an output is not necessary, leave the power supply pin open.
1,25,26
50,51,75
76,100
N/C
Not connected internally.
Pin
Name
I/O
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com