Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6902D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6902D
Description  Zero load current operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6902D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6902D Datasheet HTML 2Page - STMicroelectronics L6902D Datasheet HTML 3Page - STMicroelectronics L6902D Datasheet HTML 4Page - STMicroelectronics L6902D Datasheet HTML 5Page - STMicroelectronics L6902D Datasheet HTML 6Page - STMicroelectronics L6902D Datasheet HTML 7Page - STMicroelectronics L6902D Datasheet HTML 8Page - STMicroelectronics L6902D Datasheet HTML 9Page - STMicroelectronics L6902D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electrical characteristics
L6902
6/11
Doc ID 7332 Rev 9
5
Electrical characteristics
Tj = 25°C, VCC = 12V, unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC
Operating input voltage range
VO = 1.235V; IO = 1A
8
36
V
Vd
Dropout voltage
VCC = 8V; IO = 1A
0.25
0.5
V
IO
Operating charging current
Rsense = 0.1Ω
0.95
1
1.05
A
(1)
0.92
1.08
A
Il
Maximum limiting current
VCC = 8V to 36V
2
2.5
3.2
A
fs
Switching frequency
(1)
212
250
287
kHz
225
250
275
kHz
d
Duty cycle
0
100
%
Dynamic characteristics
V5
Voltage feedback (FB)
8V < VCC < 36V, 20mA < IO < 1A
1.21
1.235
1.259
V
(1)
1.198
1.235
1.272
V
η
Efficiency
VO = 5V, VCC = 12V
90
%
DC characteristics
Iqop
Total operating quiescent
current
(1)
3
5
mA
Iq
Quiescent current
Duty cycle = 0; VFB = 1.5V
3
mA
Voltage error amplifier
VOH
High level output voltage
VFB = 1V
3.6
V
VOL
Low level output voltage
VFB = 1.5
0.4
V
Io source Source output current
Vcomp = 1.9V; VFB = 1V
200
300
µA
Io sink
Sink output current
Vcomp = 1.9V; VFB = 1.5V
1
1.5
mA
Ib
Source bias current
2.5
4
μA
DC open loop gain
RL = 0
50
58
dB
gm
Transconductance
Icomp = -0.1 to 0.1mA, Vcomp = 1.9V
2.3
mS
Current error amplifier
Voffs
Input offset voltage
VCS- = 1.8V; VCS+ = Vcomp
95
100
105
mV
ICS+
CS+ output current
IO = 1A, Rsense = 100mΩ,
Vout < VCC -2V
1.5
3
µA
ICS-
CS- output current
IO = 1A, Rsense = 100mΩ
Vout < VCC -2V
1.5
3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com