Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6902D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6902D
Description  Zero load current operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6902D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6902D Datasheet HTML 3Page - STMicroelectronics L6902D Datasheet HTML 4Page - STMicroelectronics L6902D Datasheet HTML 5Page - STMicroelectronics L6902D Datasheet HTML 6Page - STMicroelectronics L6902D Datasheet HTML 7Page - STMicroelectronics L6902D Datasheet HTML 8Page - STMicroelectronics L6902D Datasheet HTML 9Page - STMicroelectronics L6902D Datasheet HTML 10Page - STMicroelectronics L6902D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
L6902
Electrical characteristics
Doc ID 7332 Rev 9
7/11
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Reference section
Reference voltage
3.234
3.3
3.366
V
IREF = 0 to 5mA VCC = 8V to 36V
(1)
3.2
3.3
3.399
V
Line regulation
IREF = 0mA, VCC = 8V to 36V
5
10
mV
Load regulation
IREF = 0 to 5 mA
8
15
mV
Short circuit current
10
mA
1.
Specification Referred to TJ from -40 to 125°C. Specification over the -40 to +125 TJ Temperature range are assured by
design, characterization and statistical correlation
Table 5.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com