Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6902D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6902D
Description  Zero load current operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6902D Datasheet(HTML) 3 Page - STMicroelectronics

  L6902D Datasheet HTML 1Page - STMicroelectronics L6902D Datasheet HTML 2Page - STMicroelectronics L6902D Datasheet HTML 3Page - STMicroelectronics L6902D Datasheet HTML 4Page - STMicroelectronics L6902D Datasheet HTML 5Page - STMicroelectronics L6902D Datasheet HTML 6Page - STMicroelectronics L6902D Datasheet HTML 7Page - STMicroelectronics L6902D Datasheet HTML 8Page - STMicroelectronics L6902D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
L6902
Test and application circuit
Doc ID 7332 Rev 9
3/11
1
Test and application circuit
Figure 1.
Test and application circuit
2
Pin connection
Figure 2.
Pin connection
Table 2.
Pin description
N°
Pin
Function
1
OUT
Regular output
2
CS+
Current error amplifier input (current sense at higher voltage)
3
CS-
Current error amplifier input (current sense at lower voltage)
4
COMP E/A output to be used for frequency compensation
5FB
Stepdown feedback input. Connecting directly to this pin results in an output voltage of
1.235 V. An external resistive divider is required for higher output voltages. In this case:
6
VREF
3.3 V VREF. No cap is need for stability.
7
GND
Ground
8
VCC
Unregulated DC input voltage.
V
out
V
FB
1
R1
R2
--------
+
⎝⎠
⎛⎞
⋅
1.235V 1
R1
R2
--------
+
⎝⎠
⎛⎞
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com