Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2S06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2S06
Description  Synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06 Datasheet(HTML) 1 Page - STMicroelectronics

  ST2S06 Datasheet HTML 1Page - STMicroelectronics ST2S06 Datasheet HTML 2Page - STMicroelectronics ST2S06 Datasheet HTML 3Page - STMicroelectronics ST2S06 Datasheet HTML 4Page - STMicroelectronics ST2S06 Datasheet HTML 5Page - STMicroelectronics ST2S06 Datasheet HTML 6Page - STMicroelectronics ST2S06 Datasheet HTML 7Page - STMicroelectronics ST2S06 Datasheet HTML 8Page - STMicroelectronics ST2S06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
May 2013
DocID13866 Rev 6
1/18
ST2S06
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz
adjustable step-down switching regulator
Datasheet
- production data
Features
 Step-down current mode PWM (1.5 MHz) DC-
DC converter
 Fixed or adjustable output voltage from 0.8 V
 2% DC output voltage tolerance
 Synchronous rectification
 Reset function for A version
 Inhibit function for B version
 Internal soft start for startup current limitation
and power ON delay of 50-100 µs
 Typical efficiency: > 90%
 0.5 A output current capability
 Non-switching quiescent current: max 1.2 mA
over temperature range
 R
DS(ON) 150 m (typ.)
 Uses tiny capacitors and inductors
 Available in QFN12L (4x4 mm)
Description
The ST2S06A33 and ST2S06B are dual step-
down DC-DC converters optimized for powering
low-voltage digital cores in ODD applications and,
generally, to replace high current linear solutions
when the power dissipation may cause high
heating of the application environment. It provides
up to 0.5 A over an input voltage range of 2.5 V to
5.5 V.
A high switching frequency of 1.5 MHz allows the
use of tiny surface-mount components as well as
a resistor divider to set the output voltage value.
Only an inductor and two capacitors are required.
A low output ripple is guaranteed by the current
mode PWM topology and the utilization of low
ESR SMD ceramic capacitors. The devices are
thermally protected and current-limited to prevent
damage due to accidental short-circuit. The
ST2S06A33 and ST2S06B are available in the
QFN12L (4x4 mm) package.
QFN12L (4 x 4 mm)
Table 1. Device summary
Order codes
Package
Packaging
ST2S06A33PQR
QFN12L (4 x 4 mm)
Tape and reel
ST2S06BPQR
www.st.com


Similar Part No. - ST2S06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
18-Mar-2008
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
296Kb / 18P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
28-Jul-2009
ST2S06A33PQR STMICROELECTRONICS-ST2S06A33PQR Datasheet
333Kb / 21P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
18-Mar-2008
ST2S06A33PQR STMICROELECTRONICS-ST2S06A33PQR Datasheet
296Kb / 18P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
28-Jul-2009
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
28-Jul-2009
More results

Similar Description - ST2S06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
Synchronous Rectification Controller
logo
International Rectifier
IRF3703PBF IRF-IRF3703PBF_15 Datasheet
188Kb / 9P
Synchronous Rectification
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
Optimized for Synchronous Rectification
IRFP3703PBF IRF-IRFP3703PBF_15 Datasheet
220Kb / 9P
Synchronous Rectification
logo
STMicroelectronics
STEVAL-ISA049V1 STMICROELECTRONICS-STEVAL-ISA049V1 Datasheet
172Kb / 4P
Synchronous rectification
01-Jul-2009
STEVAL-ISA055V1 STMICROELECTRONICS-STEVAL-ISA055V1 Datasheet
78Kb / 4P
Synchronous rectification
18-Sep-2008
STODD01 STMICROELECTRONICS-STODD01 Datasheet
1Mb / 31P
Synchronous rectification
28-Feb-2011
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
Synchronous Rectification Controller
March 2017 Rev. 1.1
logo
Recom International Pow...
R-723.3X RECOM-R-723.3X Datasheet
113Kb / 5P
Synchronous rectification design
logo
ON Semiconductor
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
Synchronous Rectification Controller
September 2015 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com