Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1537 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 18Page - STMicroelectronics UM1537 Datasheet HTML 19Page - STMicroelectronics UM1537 Datasheet HTML 20Page - STMicroelectronics UM1537 Datasheet HTML 21Page - STMicroelectronics UM1537 Datasheet HTML 22Page - STMicroelectronics UM1537 Datasheet HTML 23Page - STMicroelectronics UM1537 Datasheet HTML 24Page - STMicroelectronics UM1537 Datasheet HTML 25Page - STMicroelectronics UM1537 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Connector
UM1537
22/52
Doc ID 023059 Rev 1
3
Connector
3.1
Motor control connector CN1
Figure 6.
Motor control connector CN1
Table 14.
Motor control connector CN1
Description
Pin of
STM32F051R8T6
Pin no. of
CN1
Pin no. of
CN1
Pin of
STM32F051R8T6
Description
Emergency STOP
PB12
12
GND
Emergency STOP2
PA3
PWM-UH
PA8
3
4
GND
PWM-UL
PB13
5
6
GND
PWM-VH
PA9
7
8
GND
PWM-VL
PB14
9
10
GND
PWM-WH
PA10
11
12
GND
PWM-WL
PB15
13
14
PA1
Bus voltage
PHASE A CURRENT
PA2
15
16
GND
PHASE B CURRENT
PC5
17
18
GND
PHASE B CURRENT2
PA3
PHASE C CURRENT
PC4
19
20
GND
NTC BYPASS RELAY
PA6
21
22
GND
DISSIPATIVE BRAKE PWM
PB11
23
24
GND
+5 V power
25
26
PC2
Heatsink
temperature
PFC SYNC
PB0/PA12
27
28
3.3 V power
(VDD MCU)
PFC PWM
PB1
29
30
GND
Encoder A
PA15
31
32
GND
MC_BEMF_A
PC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com