Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1537 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 25Page - STMicroelectronics UM1537 Datasheet HTML 26Page - STMicroelectronics UM1537 Datasheet HTML 27Page - STMicroelectronics UM1537 Datasheet HTML 28Page - STMicroelectronics UM1537 Datasheet HTML 29Page - STMicroelectronics UM1537 Datasheet HTML 30Page - STMicroelectronics UM1537 Datasheet HTML 31Page - STMicroelectronics UM1537 Datasheet HTML 32Page - STMicroelectronics UM1537 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
UM1537
Connector
Doc ID 023059 Rev 1
29/52
3.9
Standard SWD connector CN10
Figure 13.
Standard SWD debugging connector CN10
3.10
Audio jack CN11
A 3.5 mm stereo audio jack CN11 connected to the audio DAC is available on the
STM320518-EVAL board.
3.11
ST-LINK/V2 programming connector CN12
The connector CN12 is used only for embedded ST-LINK/V2 programming during board
manufacture. It is not populated by default and is not intended for the end user.
3.12
ST-LINK/V2 USB type B connector CN13
The USB connector CN13 is used to connect the embedded ST-LINK/V2 to a PC for
debugging purposes.
Table 23.
Standard SWD debugging connector CN10
Pin number
Description
Pin number
Description
1
VDD
2
VDD
3-4
GND
5-6
GND
7SWDAT
8
GND
9SWCLK
10
GND
11
10 K pull-down
12
GND
13
-
14
GND
15
RESET#
16
GND
17
10 K pull-down
18
GND
19
10 K pull-down
20
GND
         
         



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com