Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1537 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1537
Description  STM320518-EVAL evaluation board
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1537 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1537 Datasheet HTML 28Page - STMicroelectronics UM1537 Datasheet HTML 29Page - STMicroelectronics UM1537 Datasheet HTML 30Page - STMicroelectronics UM1537 Datasheet HTML 31Page - STMicroelectronics UM1537 Datasheet HTML 32Page - STMicroelectronics UM1537 Datasheet HTML 33Page - STMicroelectronics UM1537 Datasheet HTML 34Page - STMicroelectronics UM1537 Datasheet HTML 35Page - STMicroelectronics UM1537 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Board schematics
UM1537
32/52
Doc ID 023059 Rev 1
4
Board schematics
The following schematic diagrams are listed.
●
Figure 17: STM320518-EVAL on page 33
●
Figure 18: MCU on page 34
●
Figure 19: Audio on page 35
●
Figure 20: HDMI_CEC on page 36
●
Figure 21: LCD and micro SD card on page 37
●
Figure 22: Peripherals on page 38
●
Figure 23: RS-232, RS-485 and IrDA on page 39
●
Figure 24: Temperature sensor and RF EEPROM on page 40
●
Figure 25: Linear sensor on page 41
●
Figure 26: ST-LINK/V2 (SWD only) on page 42
●
Figure 27: SWD on page 43
●
Figure 28: Motor control on page 44
●
Figure 29: Power on page 45
●
Figure 30: 2.4 inch LCD module on page 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com