Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANPSC110FDMQB Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANPSC110FDMQB
Description  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANPSC110FDMQB Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button SCANPSC110FDMQB Datasheet HTML 18Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 19Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 20Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 21Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 22Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 23Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 24Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 25Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Pin Capacitance
5.0
pF
V
CC is Open
C
OUT
Output Pin Capacitance
6.5
pF
V
CC is Open
C
PD
Power Dissipation Capacitance
50
pF
V
CC = 5.0V
AC Waveforms
DS100327-16
FIGURE 13. Waveforms for an Unparked SCANPSC110F Bridge in the SHIFT-DR (IR) TAP Controller State
DS100327-13
Note A: VOHV and VOLP are measured with respect to ground reference.
Note B: Input pulses have the following characteristics: f = 1 MHz, tr = 3 ns, tf = 3 ns, skew ≤ 150 ps.
FIGURE 14. Quiet Output Noise Voltage Waveform
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com