Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANPSC110FDMQB Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANPSC110FDMQB
Description  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANPSC110FDMQB Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button SCANPSC110FDMQB Datasheet HTML 16Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 17Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 18Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 19Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 20Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 21Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 22Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 23Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
AC Electrical Characteristics
Symbol
Parameter
V
CC
(V)
Military
Units
Fig.
No.
T
A = −55˚C
to +125˚C
C
L = 50 pF
Min
Max
t
PHL,
Propagation Delay
t
PLH
TCK
B↓ to TCKLn
5.0
3.0
15.0
ns
Figure 13
TCK
B↑ to TCKLn
2.5
15.0
t
PHL,
Propagation Delay
t
PLH
TCK
B↓ to TDOLn
5.0
3.0
16.5
ns
Figure 13
TCK
B↓ to TDOLn
3.0
17.0
t
PHL,
Propagation Delay
t
PLH
TCK
B↓ to TMSLn
5.0
3.5
26.5
ns
Figure 13
TCK
B↓ to TMSLn
4.5
24.5
t
PHL,
Propagation Delay
t
PLH
TCK
B↓ to TDOB
5.0
3.0
17.0
ns
Figure 13
TCK
B↓ to TDOB
2.5
16.5
t
PHL,
Propagation Delay
5.0
2.5
14.5
ns
Figure 13
t
PLH
TMS
B to TMSLn
1.5
14.5
t
PLH
Propagation Delay
5.0
4.5
30.0
ns
Figure 15
TRST to TMS
Ln
t
PZL,
Enable Time
5.0
t
PZH
TCK
B↓ to TDOLn
4.0
22.5
ns
TCK
B↓ to TDOLn
3.0
19.0
t
PLZ,
Disable Time
t
PHZ
TCK
B↓ to TDOLn
5.0
1.5
15.5
ns
TCK
B↓ to TDOLn
2.0
17.0
t
PZL,
Enable Time
t
PZH
TCK
B↓ to TDOB
5.0
4.0
20.5
ns
TCK
B↓ to TDOB
2.5
16.5
t
PLZ,
Disable Time
t
PHZ
TCK
B↓ to TDOB
5.0
2.0
16.5
ns
TCK
B↓ to TDOB
2.0
17.5
t
PZL,
Enable Time
5.0
3.0
19.5
ns
Figure 16
t
PZH
OE to TDO
Ln
3.0
17.5
t
PLZ,
Disable Time
5.0
1.0
14.0
ns
Figure 16
t
PHZ
OE to TDO
Ln
1.0
15.5
t
PZL,
Enable Time
5.0
2.0
14.5
ns
Figure 16
t
PZH
OE to TMS
Ln
1.5
13.0
t
PLZ,
Disable Time
5.0
1.0
12.0
ns
Figure 16
t
PHZ
OE to TMS
Ln
1.0
12.5
t
PZL,
Enable Time
5.0
2.0
14.5
ns
Figure 16
t
PZH
OE to TCK
Ln
1.5
13.0
t
PLZ,
Disable Time
5.0
1.0
12.0
ns
Figure 16
t
PHZ
OE to TCK
Ln
1.0
12.5
t
PLZ,
Disable Time
5.0
2.5
20.0
ns
Figure 15
t
PHZ
TRST to TDO
B
3.0
20.0
t
PLZ,
Disable Time
5.0
2.5
21.0
ns
Figure 15
t
PHZ
TRST to TDO
Ln
1.5
21.0
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com