Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANPSC110FDMQB Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANPSC110FDMQB
Description  SCAN Bridge Hierarchical and Multidrop Addressable JTAG Port (IEEE1149.1 System Test Support)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANPSC110FDMQB Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button SCANPSC110FDMQB Datasheet HTML 21Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 22Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 23Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 24Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 25Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 26Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 27Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 28Page - National Semiconductor (TI) SCANPSC110FDMQB Datasheet HTML 29Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Applications Example (Continued)
8.
Assume that boards #6, #7 and #8 are identical, so that
it is possible to test them simultaneously. The tester first
addresses Board #6. Next the
MCGRSELinstruction is
issued to place the Multi-Cast Group register into the ac-
tive scan chain, and the binary value “01” is shifted into
the MCGR. The
GOTOWAIT instruction is then issued
returning all ’PSC110F’s to the
Wait-For-Address state.
The MCGR for ’PSC110F #7 and ’PSC110F #8 are pro-
grammed the same as Board #6. Next the Multi-Cast ad-
dress “00111101” is issued by the tester, which causes
the ’PSC110F Selection controller of ’PSC110F #6–#8
to enter the
Selected-Multi-Cast state. The LFSRON in-
struction is then issued to enable the signature compac-
tion circuitry on the selected ’PSC110Fs. The
SAMPLE/
PRELOAD and EXTEST instructions are then used to
test the interconnects, similar to steps 4 and 5 above.
When the test sequence is complete, the
GOTOWAIT
instruction is issued returning all ’PSC110Fs to the
Wait-For-Address state . ’PSC110Fs #6, #7, and #8 are
then addressed one at a time to read back the test sig-
nature from the LFSR (the LFSR is read by selecting it
with the
LFSRSEL instruction, then scanning out its con-
tents.
9.
After testing the interconnect on the individual boards,
the next step is to test the backplane interconnect. This
is a pair-wise test between Board #1 and each of the
other boards. Board #1 drives test patterns onto th back-
plane wiring, and the currently addressed slave board
senses the written data via its backplane scan interface.
In this example, the interconnect between Board #1 and
Board #2 is tested first. To test this interconnect, the
1149.1-compliant
backplane
transceivers,
SCAN182245A, SCAN ABT Test Access Logic, on each
board must be accessed for scan operations (see
Figure
19 ). For more information on SCAN ABT live insertion
capabilities, refer to the SCAN182245A datasheet.
First, the system master (Board #1) is addressed and
selected. The 1149.1-compliant SCAN ABT transceivers
reside on the chain connected to LSP
2 on Board #1. The
mode register is re-configured so that only port LSP
2 is
in the chain, and the
UNPARK instruction is then used to
access this chain. The appropriate instruction register
and data register scan sequencing is then performed to
apply a pattern to the backplane using the SCAN ABT
bus transceiver.
10. To test the backplane interconnect, LSP
2 of Board #1
must be parked in the
Run-Test/Idle TAP controller
state, so that the EXTEST command will stay active
when Board #1 is de-selected (the
PARKRTI instruction
is issued). The
GOTOWAIT instruction is then issued to
return all boards to the
Wait-For-Address state. Each
one of the slave boards is then addressed, one at a
time, to sample the backplane signals being driven by
Board #1. For example, Board #2 is addressed. The
mode register is reconfigured, (if needed), to select the
scan chain (LSP
2) that includes the SCAN ABT back-
plane transceivers for Board #2. The
UNPARK instruc-
tion is issued to unpark LSP
n and insert it into the active
scan chain. The
SAMPLE/PRELOAD instruction is is-
sued to the SCAN ABT backplane transceivers, (
BY-
PASS to other components in the scan chain). The
backplane is sampled by sequencing the TAP controller
through the
Capture-DR state and the data is shifted out
and checked by the tester. The
PARKRTI instruction is
then given to park LSP
n of Board #2inthe Run-Test/Idle
state, and the
GOTOWAIT instruction is issued to return
all ’PSC110Fs to the
Wait-For-Address state so that the
next board, (Board #3), can be sampled. This procedure
is repeated for boards #3–#8, then Board #1 is selected
again, a new pattern is shifted out and driven by the
EX-
TEST command, and the slave boards are again
sampled.
11. Step 10 is repeated until the backplane interconnect has
been sufficiently tested.
12. When testing is complete, the controller sends out the
SOFTRESET instruction to all ’PSC110Fs. This is ac-
complished by first using the broadcast address, “3B”
Hex, to select all ’PSC110Fs. The
SOFTRESET com-
mand is then loaded, causing TMS
L(1–3) signals to go
high; this drives all local TAPs into the
Test-Logic-Reset
state within five TCK cycles.
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com