Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP11368 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP11368
Description  Octal Adaptive Differential PCM Processor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP11368 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button TP11368 Datasheet HTML 5Page - National Semiconductor (TI) TP11368 Datasheet HTML 6Page - National Semiconductor (TI) TP11368 Datasheet HTML 7Page - National Semiconductor (TI) TP11368 Datasheet HTML 8Page - National Semiconductor (TI) TP11368 Datasheet HTML 9Page - National Semiconductor (TI) TP11368 Datasheet HTML 10Page - National Semiconductor (TI) TP11368 Datasheet HTML 11Page - National Semiconductor (TI) TP11368 Datasheet HTML 12Page - National Semiconductor (TI) TP11368 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Functional Description (Continued)
CHANNEL NOP
Each channel can be independently disabled. When EN is at
logic low on the falling edge of CE, the ADPCM transcoder
processing for that channel is disabled. The processor re-
quires 4 CLK cycles for CE to maintain all channel variables.
The data output ports are also placed in known states. After
this the processor waits for the next interrupt. TSO outputs
the following data after a channel NOP:
TABLE 6. TSO at Channel NOP
QSEL1
QSEL0
Mode
TSO
0
0
32 kbps
0000
0
1
24 kbps
0000
1
0
16 kbps
0000
1
1
40 kbps
00000
The data pattern at TSO in
Table 6 are shown with four
ASCK clocks within the CE high pulse for the 32- , 24-,
16-kbps modes and five ASCK clocks within the CE high
pulse for the 40 kbps mode. In the case where ASCK pulses
are more than four or five, the given pattern recirculates with
the MSB first.
In the idle state, RSO outputs the following data (bit repre-
sentation with the sign-bit on the left followed by the MSB,
the sign-bit is the first bit after the rising edge of CE):
TABLE 7. RSO at Channel NOP
PCM1
Mode
RSO
0
8-Bit µ-Law
11111111
1
8-Bit A-Law
11010101
9
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com