Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP11368 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP11368
Description  Octal Adaptive Differential PCM Processor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP11368 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button TP11368 Datasheet HTML 6Page - National Semiconductor (TI) TP11368 Datasheet HTML 7Page - National Semiconductor (TI) TP11368 Datasheet HTML 8Page - National Semiconductor (TI) TP11368 Datasheet HTML 9Page - National Semiconductor (TI) TP11368 Datasheet HTML 10Page - National Semiconductor (TI) TP11368 Datasheet HTML 11Page - National Semiconductor (TI) TP11368 Datasheet HTML 12Page - National Semiconductor (TI) TP11368 Datasheet HTML 13Page - National Semiconductor (TI) TP11368 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Absolute Maximum Ratings (Note *NO
TGT: FNXref NS0466*)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC to GND
7V
Voltage at Any Digital
Inputs or Outputs
GND − 0.3V to V
CC + 0.3V
Storage Temperature Range
−45˚C to +125˚C
Lead Temperature
(Soldering, 10 sec)
300˚C
Latch-up Immunity on any Pin
±75 mA
θ
JA (28-pin PLCC)
79˚C/W
θ
JA (24-pin DIP)
49˚C/W
DC Electrical Characteristics
Unless otherwise noted, limits printed in bold characters are guaranteed forV
CC = 5.0V ± 5%, GND1 = GND2 = 0V, TA =
−40˚C to +85˚C by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by correlation with other
production tests and/or product design and characterization. Typical values are specified at V
CC = +5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
CC0
Supply Current
CLK = 16.0 MHz, RSTB = Low
1.8
mA
(Power Down Mode)
I
CC1
Supply Current
CLK = 16.0 MHz, RSTB = High
10
12
mA
(Power Up Mode)
P
D
Power Dissipation
50
mW
V
IL
Input Low Voltage
For ASCK, PSCK, CE, TRB,
0.8
V
V
IH
Input High Voltage
CLK, RSTB
2.4
V
V
IL
Input Low Voltage
For PCM1, RSI, TSI, QSEL0,
0.7
V
V
IH
Input High Voltage
QSEL1, INIT, EN
2.0
V
V
OL
Output Low Voltage
I
L = 4mA
0.4
V
V
OH
Output High Voltage
I
L = −4 mA
2.4
V
I
L = −0.4 mA; VCC = 4.75V
V
CC − 0.8
V
I
IL
Input Low Current
GND < V
IN < VIL, All Signal Inputs
−10
µA
I
IH
Input High Current
V
IH < VIN < VCC, All Signal Inputs
10
µA
Test Inputs TST0, TST1, TST2 (Note 4)
150
µA
I
OZ
Output Current in High
GND < V
O < VCC, TSO and RS0
−10
10
µA
Impedance State
C
I
Input Capacitance
10
pF
C
O
Output Capacitance
10
pF
C
L
Capacitive Load
100
pF
Note 4: Test inputs have internal pull-down resistor.
Timing Specifications
Unless otherwise noted, limits printed in bold characters are guaranteed for V
CC = 5.0V ± 5%, GND1 = GND2 = 0V, TA =
−40˚C to +85˚C by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by correlation with other
production tests and/or product design and characterization. Typical values are specified at V
CC = +5V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
f
CLK
CLK Frequency (Note 5)
Assuming 50% Duty Cycle
15.8
16
18
MHz
t
CLK
CLK Duty-Cycle
40%
50%
60%
CLK
Period
t
r
Rise Time (CLK, CE,
10
ns
ASCK, PSCK)
t
f
Fall Time (CLK, CE,
10
ns
ASCK, PSCK)
t
CEP
CE Period
Encode or Decode
123
CLK
Initialization
45
Cycles
Disable
9
t
CEL
CE Pulse Width, Low
4
CLK
Cycles
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com