Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP11368 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP11368
Description  Octal Adaptive Differential PCM Processor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP11368 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TP11368 Datasheet HTML 1Page - National Semiconductor (TI) TP11368 Datasheet HTML 2Page - National Semiconductor (TI) TP11368 Datasheet HTML 3Page - National Semiconductor (TI) TP11368 Datasheet HTML 4Page - National Semiconductor (TI) TP11368 Datasheet HTML 5Page - National Semiconductor (TI) TP11368 Datasheet HTML 6Page - National Semiconductor (TI) TP11368 Datasheet HTML 7Page - National Semiconductor (TI) TP11368 Datasheet HTML 8Page - National Semiconductor (TI) TP11368 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TP11368
Octal Adaptive Differential PCM Processor
General Description
The TP11368 is an octal (8) channel Adaptive Differential
Pulse Code Modulation (ADPCM) transcoder, fully compat-
ible to ITU G.726 recommendation in 40 kbps, 32 kbps,
24 kbps, 16 kbps and ANSI 32 kbps modes. The TP11368
ADPCM processor can operate on up to 16 independent
channels in an 8 kHz frame. Each channel is individually
configured, supporting both full and half duplex operation. All
input/output transfers occur on an interrupt basis using se-
rial, double buffered data registers. Together with National’s
TP3054/57 COMBO® or TP3070/71 COMBO II devices, the
TP11368 forms complete ADPCM channels with Codec/
filtering.
Features
n
CCITT G.726 compatible at 40, 32, 24, 16 kbps
n
ANSI T1.301 compatible at 32 kbps
n
16-channel half-duplex (encode or decode) or 8-channel
full-duplex operation in 8 kHz frame
n
Each channel individually configurable
n
Selectable µ-law or A-law PCM coding
n
Asynchronous 16 MHz master clock operation
n
TTL and CMOS compatible inputs and outputs
n
28-pin PLCC or 24-pin DIP packages
n
Power consumption of typ. 6 mW at +5V per full-duplex
channel
n
On-Chip Power-On-Reset
n
−40˚C to +85˚C operating temperature range
n
Single 5V supply
Block Diagram
TRI-STATE® and COMBO® are registered trademarks of National Semiconductor Corporation.
DS012902-1
FIGURE 1. Block Diagram
March 1997
© 1997 National Semiconductor Corporation
DS012902
www.national.com


Similar Part No. - TP11368

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP11368 TI1-TP11368 Datasheet
634Kb / 20P
Octal Adaptive Differential PCM Processor
TP11368V/NOPB TI1-TP11368V/NOPB Datasheet
634Kb / 20P
Octal Adaptive Differential PCM Processor
TP11368 TI1-TP11368_11 Datasheet
634Kb / 20P
Octal Adaptive Differential PCM Processor
More results

Similar Description - TP11368

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP11362A NSC-TP11362A Datasheet
442Kb / 16P
Quad Adaptive Differential PCM Processor
logo
OKI electronic componet...
MSM7731-01 OKI-MSM7731-01 Datasheet
247Kb / 43P
Multifunction PCM CODEC (Voice Signal Processor)
logo
Sanyo Semicon Device
LA7451M SANYO-LA7451M Datasheet
190Kb / 11P
Two-Channel, Noise Reduction Processor for 8-mm VCR PCM
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
OCTAL PROGRAMMABLE PCM CODEC
logo
Integrated Circuit Syst...
ICS94241 ICST-ICS94241 Datasheet
141Kb / 16P
Programmable TCH??for Differential PIII??Processor
logo
Maxim Integrated Produc...
MAX9924 MAXIM-MAX9924_09 Datasheet
527Kb / 23P
Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 2; 3/09
logo
Texas Instruments
LM339X2 TI1-LM339X2 Datasheet
84Kb / 4P
OCTAL DIFFERENTIAL COMPARATOR
TP11368 TI1-TP11368_11 Datasheet
634Kb / 20P
Octal Adaptive Differential PCM Processor
logo
Ultralife Corporation.
UBP103450 ULTRALIFE-UBP103450 Datasheet
466Kb / 2P
PCM
Rev: L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com