Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCXH16373 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74VCXH16373
Description  SYMMETRICAL OUTPUT IMPEDANCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH16373 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74VCXH16373 Datasheet HTML 2Page - STMicroelectronics 74VCXH16373 Datasheet HTML 3Page - STMicroelectronics 74VCXH16373 Datasheet HTML 4Page - STMicroelectronics 74VCXH16373 Datasheet HTML 5Page - STMicroelectronics 74VCXH16373 Datasheet HTML 6Page - STMicroelectronics 74VCXH16373 Datasheet HTML 7Page - STMicroelectronics 74VCXH16373 Datasheet HTML 8Page - STMicroelectronics 74VCXH16373 Datasheet HTML 9Page - STMicroelectronics 74VCXH16373 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74VCXH16373
6/12
AC ELECTRICAL CHARACTERISTICS (CL = 30pF, RL = 500Ω, Input tr =tf = 2.0ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH =|tPLHm -tPLHn|, tOSHL =|tPHLm -tPHLn|)
2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/16 (per
circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay
Time Dn to Qn
2.3 to 2.7
1.0
3.4
1.0
4.0
ns
3.0 to 3.6
0.8
3.0
0.8
3.5
tPLH tPHL
Propagation Delay
Time LE to Qn
2.3 to 2.7
1.0
3.9
1.0
4.5
ns
3.0 to 3.6
0.8
3.0
0.8
3.5
tPZL tPZH
Output Enable Time
2.3 to 2.7
1.0
4.6
1.0
5.1
ns
3.0 to 3.6
0.8
3.5
0.8
4.1
tPLZ tPHZ
Output Disable Time
2.3 to 2.7
1.0
3.8
1.0
4.4
ns
3.0 to 3.6
0.8
3.5
0.8
4.1
ts
Setup TIme, HIGH or
LOW level Dn to LE
2.3 to 2.7
1.5
1.5
ns
3.0 to 3.6
1.5
1.5
th
Hold Time High or
LOW level Dn to LE
2.3 to 2.7
1.0
1.0
ns
3.0 to 3.6
1.0
1.0
tw
LE Pulse Width, HIGH
2.3 to 2.7
1.5
1.5
ns
3.0 to 3.6
1.5
1.5
tOSLH tOSHL Output To Output
Skew Time (note1, 2)
2.3 to 2.7
0.5
0.5
ns
3.0 to 3.6
0.5
0.5
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
Min.
Typ.
Max.
CIN
Input Capacitance
2.5 or 3.3
VIN = 0 or VCC
6pF
COUT
Output Capacitance
2.5 or 3.3
VIN = 0 or VCC
7pF
CPD
Power Dissipation Capacitance
(note 1)
2.5 or 3.3
fIN = 10MHz
VIN = 0 or VCC
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com