Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCXH16373 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74VCXH16373
Description  SYMMETRICAL OUTPUT IMPEDANCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH16373 Datasheet(HTML) 3 Page - STMicroelectronics

  74VCXH16373 Datasheet HTML 1Page - STMicroelectronics 74VCXH16373 Datasheet HTML 2Page - STMicroelectronics 74VCXH16373 Datasheet HTML 3Page - STMicroelectronics 74VCXH16373 Datasheet HTML 4Page - STMicroelectronics 74VCXH16373 Datasheet HTML 5Page - STMicroelectronics 74VCXH16373 Datasheet HTML 6Page - STMicroelectronics 74VCXH16373 Datasheet HTML 7Page - STMicroelectronics 74VCXH16373 Datasheet HTML 8Page - STMicroelectronics 74VCXH16373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
74VCXH16373
3/12
LOGIC DIAGRAM
This logic diagram has not to be used to estimate propagation delays
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
1) IO absolute maximum rating must be observed
2) VO <GND, VO >VCC
RECOMMENDED OPERATING CONDITIONS
1) VIN from 0.8V to 2V at VCC =3.0V
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +4.6
V
VI
DC Input Voltage
-0.5 to +4.6
V
VO
DC Output Voltage (OFF State)
-0.5 to +4.6
V
VO
DC Output Voltage (High or Low State) (note 1)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
-50
mA
IOK
DC Output Diode Current (note 2)
-50
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current per Supply Pin
± 100
mA
PD
Power Dissipation
400
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2.3 to 3.6
V
VI
Input Voltage
-0.3 to 3.6
V
VO
Output Voltage (OFF State)
0 to 3.6
V
VO
Output Voltage (High or Low State)
0 to VCC
V
IOH,IOL
High or Low Level Output Current (VCC = 3.0 to 3.6V)
± 24
mA
IOH,IOL
High or Low Level Output Current (VCC = 2.3 to 2.7V)
± 18
mA
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 1)
0 to 10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com